Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A61L73081S-12 Datasheet(PDF) 4 Page - AMIC Technology

Part # A61L73081S-12
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A61L73081S-12 Datasheet(HTML) 4 Page - AMIC Technology

  A61L73081S-12 Datasheet HTML 1Page - AMIC Technology A61L73081S-12 Datasheet HTML 2Page - AMIC Technology A61L73081S-12 Datasheet HTML 3Page - AMIC Technology A61L73081S-12 Datasheet HTML 4Page - AMIC Technology A61L73081S-12 Datasheet HTML 5Page - AMIC Technology A61L73081S-12 Datasheet HTML 6Page - AMIC Technology A61L73081S-12 Datasheet HTML 7Page - AMIC Technology A61L73081S-12 Datasheet HTML 8Page - AMIC Technology A61L73081S-12 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
A61L73081 Series
(April, 2001, Version 1.0)
3
AMIC Technology, Inc.
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC + 0.5
V
VIL
Input Low (1) Voltage
-0.5
0
+0.8
V
CL
Output Load
-
-
30
pF
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +4.6V
IN, IN/OUT Volt to GND . . . . . . . . . . -0.5V to VCC +0.5V
Operating Temperature, Topr . . . . . . . . . . . 0
°C to +70°C
Storage Temperature, Tstg . . . . . . . . . . -55
°C to +125°C
Temperature Under Bias, Tbias . . . . . . . . -10
°C to +85°C
Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . . 0.7W
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics
(TA = 0
°C to + 70°C, VCC = 3.3V ± 10%, GND = 0V)
Symbol
Parameter
A61L73081-12
A61L73081-15
Unit
Conditions
Min.
Max.
Min.
Max.
ILI
Input Leakage
-
2
-
2
µA
VIN = GND to VCC
ILO
Output Leakage
-
2
-
2
µA
CE = VIH, OE = VIH
VI/O = GND to VCC
ICC1 (2)
Dynamic Operating
Current
-
220
-
210
mA
CE = VIL, II/O = 0 mA
Min. Cycle, Duty = 100%
ISB
-
25
-
25
mA
CE = VIH
ISB1
Standby Power
Supply Current
-
12
-
12
mA
CE
≥ VCC - 0.2V,
VIN
≥ VCC -0.2V or VIN ≤ 0.2V
VOL
Output Low Voltage
-
0.4
-
0.4
V
IOL = 8 mA
VOH
Output High Voltage
2.4
-
2.4
-
V
IOH = -4 mA
Notes: 1. VIL = -3.0V for pulses less than 20 ns.
2. ICC1 is dependent on output loading, cycle rates, and Read/Write patterns.


Similar Part No. - A61L73081S-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A61L6316S-10 AMICC-A61L6316S-10 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A61L6316S-10I AMICC-A61L6316S-10I Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A61L6316S-12 AMICC-A61L6316S-12 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A61L6316S-12I AMICC-A61L6316S-12I Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A61L73081S-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com