Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6173081SW-15 Datasheet(PDF) 10 Page - AMIC Technology

Part # A6173081SW-15
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A6173081SW-15 Datasheet(HTML) 10 Page - AMIC Technology

Back Button A6173081SW-15 Datasheet HTML 4Page - AMIC Technology A6173081SW-15 Datasheet HTML 5Page - AMIC Technology A6173081SW-15 Datasheet HTML 6Page - AMIC Technology A6173081SW-15 Datasheet HTML 7Page - AMIC Technology A6173081SW-15 Datasheet HTML 8Page - AMIC Technology A6173081SW-15 Datasheet HTML 9Page - AMIC Technology A6173081SW-15 Datasheet HTML 10Page - AMIC Technology A6173081SW-15 Datasheet HTML 11Page - AMIC Technology A6173081SW-15 Datasheet HTML 12Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
A6173081 Series
PRELIMINARY
(July, 2000, Version 0.0)
9
AMIC Technology, Inc.
Low VCC Data Retention Waveform
VCC
CE
tCDR
VIH
4.5V
tR
VIH
4.5V
DATA RETENTION MODE
VDR ³ > 3.0V
CE ³ > VDR - 0.2V
Ordering Information
Part No.
Access Time (ns)
Operating Current
Max. (mA)
CMOS Standby
Max. (mA)
Package
A6173081S-12
32L 300mil SOJ
A6173081SW-12
12
170
8
32L 400mil SOJ
A6173081S-15
32L 300mil SOJ
A6173081SW-15
15
165
8
32L 400mil SOJ


Similar Part No. - A6173081SW-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S AMICC-A617308S Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-10 AMICC-A617308S-10 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-12 AMICC-A617308S-12 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-15 AMICC-A617308S-15 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A6173081SW-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com