Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6173081SW-15 Datasheet(PDF) 2 Page - AMIC Technology

Part # A6173081SW-15
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A6173081SW-15 Datasheet(HTML) 2 Page - AMIC Technology

  A6173081SW-15 Datasheet HTML 1Page - AMIC Technology A6173081SW-15 Datasheet HTML 2Page - AMIC Technology A6173081SW-15 Datasheet HTML 3Page - AMIC Technology A6173081SW-15 Datasheet HTML 4Page - AMIC Technology A6173081SW-15 Datasheet HTML 5Page - AMIC Technology A6173081SW-15 Datasheet HTML 6Page - AMIC Technology A6173081SW-15 Datasheet HTML 7Page - AMIC Technology A6173081SW-15 Datasheet HTML 8Page - AMIC Technology A6173081SW-15 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
A6173081 Series
Preliminary
128K X 8 BIT HIGH SPEED CMOS SRAM
PRELIMINARY
(July, 2000, Version 0.0)
1
AMIC Technology, Inc.
Features
n Center power pinout
n Supply voltage: 5V
±10%
n Access times: 12/15 ns (max.)
n Current: Operating: -12: 170mA (max.)
-15: 165mA (max.)
Standby:
TTL: 25mA (max.)
CMOS: 8mA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL compatible
n Common I/O using three-state output
n Data retention voltage: 3V (min.)
n Available in 32-pin 300mil / 400mil SOJ packages
General Description
The A6173081 is a high-speed 1,048,576-bit static
random access memory organized as 131,072 words by
8 bits and operates on a 5V power supply. It is built
using high performance CMOS process.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Minimum standby power is drawn by this device when
chip enable is disable, independent of the other input
levels.
Data retention is guaranteed at a power supply voltage
as low as 3V.
Pin Configurations
n SOJ
A0
A2
A3
I/O0
I/O1
VCC
GND
I/O2
I/O3
A4
A5
A6
A8
A7
A9
A10
A11
A12
I/O5
I/O6
I/O7
A14
A15
A16
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
VCC
I/O4
OE
A1
CE
WE
A13


Similar Part No. - A6173081SW-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S AMICC-A617308S Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-10 AMICC-A617308S-10 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-12 AMICC-A617308S-12 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A617308S-15 AMICC-A617308S-15 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A6173081SW-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com