Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A625308AM-70S Datasheet(PDF) 2 Page - AMIC Technology

Part # A625308AM-70S
Description  32K X 8 BIT CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A625308AM-70S Datasheet(HTML) 2 Page - AMIC Technology

  A625308AM-70S Datasheet HTML 1Page - AMIC Technology A625308AM-70S Datasheet HTML 2Page - AMIC Technology A625308AM-70S Datasheet HTML 3Page - AMIC Technology A625308AM-70S Datasheet HTML 4Page - AMIC Technology A625308AM-70S Datasheet HTML 5Page - AMIC Technology A625308AM-70S Datasheet HTML 6Page - AMIC Technology A625308AM-70S Datasheet HTML 7Page - AMIC Technology A625308AM-70S Datasheet HTML 8Page - AMIC Technology A625308AM-70S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
A625308A Series
Preliminary
32K X 8 BIT CMOS SRAM
PRELIMINARY
(July, 2002, Version 0.2)
1
AMIC Technology, Inc.
Features
n Power Supply Range: 4.5V to 5.5V
n Access times: 70 ns
A625308A-S series:
Operating: 35mA (max.)
Standby:
10
µA (max.)
A625308A-SI/SU series: Operating: 35mA (max.)
Standby:
15
µA (max.)
n Extended operating temperature range: 0
°C to 70°C
for -S series, -25
°C to 85°C for -SI series, -40°C to
85
°C for -SU series.
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL-compatible
n Common I/O using three-state output
n Data retention voltage: 2.0V (min.)
n Available in 28-pin, DIP/SOP and TSOP
General Description
The A625308A is a low operating current 262,144-bit
static random access memory organized as 32,768
words by 8 bits and operates on a voltage from 4.5V to
5.5V.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Minimum standby power is drawn by this device when
CE is at a high level, independent of the other input
levels.
Data retention is guaranteed at a power supply voltage
as low as 2.0V.
Pin Configurations
n DIP / SOP
n TSOP
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
I/O3
I/O4
I/O5
I/O6
I/O7
CE
OE
A11
A9
A8
A13
WE
VCC
A10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
A625308AV
1
9
28
20
A11
2
3
4
5
6
7
8
10
11
12
13
14
A9
A8
A13
A14
A12
A7
A6
A5
A4
A3
27
26
25
24
23
22
21
19
18
17
16
15
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A10
VCC
I/O7
OE
WE
CE


Similar Part No. - A625308AM-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results

Similar Description - A625308AM-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com