Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A61L6316S-12I Datasheet(PDF) 10 Page - AMIC Technology

Part # A61L6316S-12I
Description  64K X 16 BIT HIGH SPEED CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A61L6316S-12I Datasheet(HTML) 10 Page - AMIC Technology

Back Button A61L6316S-12I Datasheet HTML 6Page - AMIC Technology A61L6316S-12I Datasheet HTML 7Page - AMIC Technology A61L6316S-12I Datasheet HTML 8Page - AMIC Technology A61L6316S-12I Datasheet HTML 9Page - AMIC Technology A61L6316S-12I Datasheet HTML 10Page - AMIC Technology A61L6316S-12I Datasheet HTML 11Page - AMIC Technology A61L6316S-12I Datasheet HTML 12Page - AMIC Technology A61L6316S-12I Datasheet HTML 13Page - AMIC Technology A61L6316S-12I Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
A61L6316 Series
(July, 2002, Version 1.1)
9
AMIC Technology, Inc.
Timing Waveforms (continued)
Write Cycle 2
(Chip Enable Controlled)
tWC
tAW
Address
DATA IN
DATA OUT
WE
HB, LB
CE
tWR3
tCW2
tBW
tAS1
tWP
tDW
tDH
tOW
tWHZ4


Similar Part No. - A61L6316S-12I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A61L73081S-12 AMICC-A61L73081S-12 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A61L73081S-15 AMICC-A61L73081S-15 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A61L73081SW-12 AMICC-A61L73081SW-12 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
A61L73081SW-15 AMICC-A61L73081SW-15 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - A61L6316S-12I

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com