Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A625308A-70SI Datasheet(PDF) 6 Page - AMIC Technology

Part # A625308A-70SI
Description  32K X 8 BIT CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A625308A-70SI Datasheet(HTML) 6 Page - AMIC Technology

Back Button A625308A-70SI Datasheet HTML 2Page - AMIC Technology A625308A-70SI Datasheet HTML 3Page - AMIC Technology A625308A-70SI Datasheet HTML 4Page - AMIC Technology A625308A-70SI Datasheet HTML 5Page - AMIC Technology A625308A-70SI Datasheet HTML 6Page - AMIC Technology A625308A-70SI Datasheet HTML 7Page - AMIC Technology A625308A-70SI Datasheet HTML 8Page - AMIC Technology A625308A-70SI Datasheet HTML 9Page - AMIC Technology A625308A-70SI Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
A625308A Series
PRELIMINARY
(July, 2002, Version 0.2)
5
AMIC Technology, Inc.
AC Characteristics (TA = 0
°C to +70°C, -25°C to +85°C or -40°C to +85°C, VCC = 5.0V ± 10%)
Symbol
Parameter
A625308A-70S/SI/SU
Unit
Min.
Max.
Read Cycle
tRC
Read Cycle Time
70
-
ns
tAA
Address Access Time
-
70
ns
tACE
Chip Enable Access Time
-
70
ns
tOE
Output Enable to Output Valid
-
35
ns
tCLZ
Chip Enable to Output in Low Z
10
-
ns
tOLZ
Output Enable to Output in Low Z
5
-
ns
tCHZ
Chip Disable to Output in High Z
-
25
ns
tOHZ
Output Disable to Output in High Z
-
25
ns
tOH
Output Hold from Address Change
10
-
ns
Write Cycle
tWC
Write Cycle Time
70
-
ns
tCW
Chip Enable to End of Write
60
-
ns
tAS
Address Set up Time
0
-
ns
tAW
Address Valid to End of Write
60
-
ns
tWP
Write Pulse Width
50
-
ns
tWR
Write Recovery Time
0
-
ns
tWHZ
Write to Output in High Z
-
25
ns
tDW
Data to Write Time Overlap
30
-
ns
tDH
Data Hold from Write Time
0
-
ns
tOW
Output Active from End of Write
5
-
ns
Notes:
tCHZ, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are not
referred to output voltage levels.


Similar Part No. - A625308A-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results

Similar Description - A625308A-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com