Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62S6308M-70SI Datasheet(PDF) 3 Page - AMIC Technology

Part # A62S6308M-70SI
Description  64K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S6308M-70SI Datasheet(HTML) 3 Page - AMIC Technology

  A62S6308M-70SI Datasheet HTML 1Page - AMIC Technology A62S6308M-70SI Datasheet HTML 2Page - AMIC Technology A62S6308M-70SI Datasheet HTML 3Page - AMIC Technology A62S6308M-70SI Datasheet HTML 4Page - AMIC Technology A62S6308M-70SI Datasheet HTML 5Page - AMIC Technology A62S6308M-70SI Datasheet HTML 6Page - AMIC Technology A62S6308M-70SI Datasheet HTML 7Page - AMIC Technology A62S6308M-70SI Datasheet HTML 8Page - AMIC Technology A62S6308M-70SI Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
A62S6308 Series
(October, 1998, Version 2.0)
2
AMIC Technology, Inc.
Block Diagram
ROW
DECODER
512 X 1024
MEMORY ARRAY
INPUT DATA
CIRCUIT
COLUMN I/O
CONTROL
CIRCUIT
CE2
CE1
WE
I/O8
I/O1
A15
A14
A13
A0
VCC
GND
OE
Pin Descriptions - SOP
Pin No.
Symbol
Description
1,2
NC
No Connection
3 - 12, 23,
25 - 28, 31
A0 - A15
Address Inputs
13 - 15,
17 - 21
I/O1 - I/O8
Data Inputs/Outputs
16
GND
Ground
22
CE1
Chip Enable
24
OE
Output Enable
29
WE
Write Enable
30
CE2
Chip Enable
32
VCC
Power Supply
Pin Description - TSOP/sTSOP
Pin No.
Symbol
Description
1 - 4, 7,
11 - 20, 31
A0 - A15
Address Inputs
5
WE
Write Enable
6
CE2
Chip Enable
8
VCC
Power Supply
9, 10
NC
No Connection
21 - 23,
25 - 29
I/O1 - I/O8
Data Inputs/Outputs
24
GND
Ground
30
CE1
Chip Enable
32
OE
Output Enable


Similar Part No. - A62S6308M-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S6308M-70SI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1015 BSI-BS616LV1015 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com