Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62S7308BM-55S Datasheet(PDF) 4 Page - AMIC Technology

Part # A62S7308BM-55S
Description  128K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S7308BM-55S Datasheet(HTML) 4 Page - AMIC Technology

  A62S7308BM-55S Datasheet HTML 1Page - AMIC Technology A62S7308BM-55S Datasheet HTML 2Page - AMIC Technology A62S7308BM-55S Datasheet HTML 3Page - AMIC Technology A62S7308BM-55S Datasheet HTML 4Page - AMIC Technology A62S7308BM-55S Datasheet HTML 5Page - AMIC Technology A62S7308BM-55S Datasheet HTML 6Page - AMIC Technology A62S7308BM-55S Datasheet HTML 7Page - AMIC Technology A62S7308BM-55S Datasheet HTML 8Page - AMIC Technology A62S7308BM-55S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
A62S7308B Series
PRELIMINARY
(March, 2001, Version 0.2)
3
AMIC Technology, Inc.
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C or -25°C to 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.4
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
-
+0.6
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . -0.5V to + 4.6V
IN, IN/OUT Volt to GND . . . . . . . . . -0.5V to VCC + 0.5V
Operating Temperature, Topr . . . . . . . . -25
°C to + 85°C
Storage Temperature, Tstg . .. . . . . . . . -55
°C to + 125°C
Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . 0.7W
Soldering Temp. & Time . . . . . . . . . . . . . 260
°C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics
(TA = 0
°C to + 70°C or -25°C to 85°C, VCC = 2.7V to 3.6V, GND = 0V)
Symbol
Parameter
A62S7308B-55S/70S
A62S7308B-55SI/70SI
Unit
Conditions
Min.
Max.
Min.
Max.
ILI
Input Leakage
Current
-
1
-
1
µA
VIN = GND to VCC
ILO
Output Leakage
Current
-
1
-
1
µA
CE1
= VIH or CE2 = VIL or
OE
= VIH or WE = VIL
VI/O = GND to VCC
ICC
Active Power Supply
Current
-
3
-
3
mA
CE1
= VIL, CE2 = VIH
II/O = 0mA
ICC1
Dynamic Operating
Current
-
30
-
30
mA
Min. Cycle, Duty = 100%
CE1
= VIL, CE2 = VIH
II/O = 0mA
ICC2
Dynamic Operating
Current
-
3
-
3
mA
CE1
= VIL, CE2 = VIH
VIH = VCC , VIL = 0V
F = 1MHz, II/O = 0mA


Similar Part No. - A62S7308BM-55S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S7316 AMICC-A62S7316 Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S7316G-55S AMICC-A62S7316G-55S Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S7316G-55SI AMICC-A62S7316G-55SI Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S7316G-70S AMICC-A62S7316G-70S Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S7316G-70SI AMICC-A62S7316G-70SI Datasheet
144Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S7308BM-55S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I Datasheet
246Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-T AMICC-LP62S1024A-T Datasheet
189Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com