Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT16292 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16292
Description  MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16292 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74CBT16292 Datasheet HTML 4Page - Texas Instruments SN74CBT16292 Datasheet HTML 5Page - Texas Instruments SN74CBT16292 Datasheet HTML 6Page - Texas Instruments SN74CBT16292 Datasheet HTML 7Page - Texas Instruments SN74CBT16292 Datasheet HTML 8Page - Texas Instruments SN74CBT16292 Datasheet HTML 9Page - Texas Instruments SN74CBT16292 Datasheet HTML 10Page - Texas Instruments SN74CBT16292 Datasheet HTML 11Page - Texas Instruments SN74CBT16292 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - SN74CBT16292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16292 TI-SN74CBT16292 Datasheet
67Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292 TI-SN74CBT16292 Datasheet
327Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FE TXER/DEMULTIPLEXERWITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DGG TI-SN74CBT16292DGG Datasheet
67Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DGGR TI-SN74CBT16292DGGR Datasheet
327Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FE TXER/DEMULTIPLEXERWITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DGGR TI1-SN74CBT16292DGGR Datasheet
352Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
More results

Similar Description - SN74CBT16292

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292 Datasheet
56Kb / 8P
   12-bit 1-of-2 multiplexer/demultiplexer with internal pulldown resistors
1999 Sep 13
logo
Texas Instruments
SN74CBT162292 TI-SN74CBT162292 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DGGR TI1-SN74CBT16292DGGR Datasheet
352Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292 TI-SN74CBT16292 Datasheet
67Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT162292 TI1-SN74CBT162292_09 Datasheet
349Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV16292 TI-SN74CBTLV16292 Datasheet
193Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLVR16292 TI-SN74CBTLVR16292 Datasheet
193Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV16292 TI-SN74CBTLV16292_08 Datasheet
357Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTOR
SN74CBTLV3857 TI1-SN74CBTLV3857_15 Datasheet
687Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH WITH INTERNAL PULLDOWN RESISTORS
logo
Integrated Circuit Syst...
ICS9S857 ICST-ICS9S857 Datasheet
271Kb / 3P
   Low-Voltage 10-Bit FET BUS Switch With Internal Pulldown Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com