Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT16292DL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16292DL
Description  MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16292DL Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT16292DL Datasheet HTML 1Page - Texas Instruments SN74CBT16292DL Datasheet HTML 2Page - Texas Instruments SN74CBT16292DL Datasheet HTML 3Page - Texas Instruments SN74CBT16292DL Datasheet HTML 4Page - Texas Instruments SN74CBT16292DL Datasheet HTML 5Page - Texas Instruments SN74CBT16292DL Datasheet HTML 6Page - Texas Instruments SN74CBT16292DL Datasheet HTML 7Page - Texas Instruments SN74CBT16292DL Datasheet HTML 8Page - Texas Instruments SN74CBT16292DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74CBT16292
12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
WITH INTERNAL PULLDOWN RESISTORS
SCDS053E – MARCH 1998 – REVISED OCTOBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of Texas Instruments’ Widebus™
Family
D 4-Ω Switch Connection Between Two Ports
D TTL-Compatible Control Input Levels
D Make-Before-Break Feature
D Internal 500-Ω Pulldown Resistors to
Ground
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
description
The SN74CBT16292 is a 12-bit 1-of-2 high-speed
TTL-compatible FET multiplexer/demultiplexer.
The low on-state resistance of the switch allows
connections to be made with minimal propagation
delay.
When the select (S) input is low, port A is
connected to port B1, and RINT is connected to
port B2. When S is high, port A is connected to port
B2, and RINT is connected to port B1.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP
DL
Tube
SN74CBT16292DL
CBT16292
40
°Cto85°C
SSOP – DL
Tape and reel
SN74CBT16292DLR
CBT16292
–40
°C to 85°C
TSSOP – DGG
Tape and reel
SN74CBT16292DGGR
CBT16292
TVSOP – DGV
Tape and reel
SN74CBT16292DGVR
CY292
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
S
1A
NC
2A
NC
3A
NC
GND
4A
NC
5A
NC
6A
NC
7A
NC
VCC
8A
GND
NC
9A
NC
10A
NC
11A
NC
12A
NC
NC
NC
1B1
1B2
2B1
2B2
3B1
GND
3B2
4B1
4B2
5B1
5B2
6B1
6B2
7B1
7B2
8B1
GND
8B2
9B1
9B2
10B1
10B2
11B1
11B2
12B1
12B2
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.


Similar Part No. - SN74CBT16292DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16292DL TI-SN74CBT16292DL Datasheet
67Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DL TI-SN74CBT16292DL Datasheet
327Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FE TXER/DEMULTIPLEXERWITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DL TI1-SN74CBT16292DL Datasheet
352Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DLG4 TI-SN74CBT16292DLG4 Datasheet
327Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FE TXER/DEMULTIPLEXERWITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DLG4 TI1-SN74CBT16292DLG4 Datasheet
352Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
More results

Similar Description - SN74CBT16292DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292 Datasheet
56Kb / 8P
   12-bit 1-of-2 multiplexer/demultiplexer with internal pulldown resistors
1999 Sep 13
logo
Texas Instruments
SN74CBT162292 TI-SN74CBT162292 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292DGGR TI1-SN74CBT16292DGGR Datasheet
352Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT16292 TI-SN74CBT16292 Datasheet
67Kb / 5P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBT162292 TI1-SN74CBT162292_09 Datasheet
349Kb / 12P
[Old version datasheet]   12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV16292 TI-SN74CBTLV16292 Datasheet
193Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLVR16292 TI-SN74CBTLVR16292 Datasheet
193Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTORS
SN74CBTLV16292 TI-SN74CBTLV16292_08 Datasheet
357Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER WITH INTERNAL PULLDOWN RESISTOR
SN74CBTLV3857 TI1-SN74CBTLV3857_15 Datasheet
687Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH WITH INTERNAL PULLDOWN RESISTORS
logo
Integrated Circuit Syst...
ICS9S857 ICST-ICS9S857 Datasheet
271Kb / 3P
   Low-Voltage 10-Bit FET BUS Switch With Internal Pulldown Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com