Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62S8308M-55S Datasheet(PDF) 3 Page - AMIC Technology

Part # A62S8308M-55S
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S8308M-55S Datasheet(HTML) 3 Page - AMIC Technology

  A62S8308M-55S Datasheet HTML 1Page - AMIC Technology A62S8308M-55S Datasheet HTML 2Page - AMIC Technology A62S8308M-55S Datasheet HTML 3Page - AMIC Technology A62S8308M-55S Datasheet HTML 4Page - AMIC Technology A62S8308M-55S Datasheet HTML 5Page - AMIC Technology A62S8308M-55S Datasheet HTML 6Page - AMIC Technology A62S8308M-55S Datasheet HTML 7Page - AMIC Technology A62S8308M-55S Datasheet HTML 8Page - AMIC Technology A62S8308M-55S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
A62S8308 Series
PRELIMINARY
(March, 2001, Version 0.2)
2
AMIC Technology, Inc.
Block Diagram
ROW
DECODER
1024 X 2048
MEMORY ARRAY
INPUT DATA
CIRCUIT
COLUMN I/O
CONTROL
CIRCUIT
CE2
CE1
WE
I/O7
I/O0
A17
A16
A15
A0
VCC
GND
OE
Pin Descriptions - SOP
Pin No.
Symbol
Description
1 - 12, 23,
25 - 28, 31
A0 - A17
Address Inputs
13 - 15,
17 - 21
I/O0 - I/O7
Data Inputs/Outputs
16
GND
Ground
22
CE1
Chip Enable 1
24
OE
Output Enable
29
WE
Write Enable
30
CE2
Chip Enable 2
32
VCC
Power Supply
Pin Description - TSOP/sTSOP
Pin No.
Symbol
Description
1 - 4, 7,
9 - 20, 31
A0 - A17
Address Inputs
5
WE
Write Enable
6
CE2
Chip Enable 2
8
VCC
Power Supply
21 - 23,
25 - 29
I/O0 - I/O7
Data Inputs/Outputs
24
GND
Ground
30
CE1
Chip Enable 1
32
OE
Output Enable


Similar Part No. - A62S8308M-55S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316G-70S AMICC-A62S8316G-70S Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316G-70SI AMICC-A62S8316G-70SI Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316V-70S AMICC-A62S8316V-70S Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316V-70SI AMICC-A62S8316V-70SI Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S8308M-55S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048-T AMICC-LP62S2048-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com