Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PES12_MDS Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PES12_MDS
Description  ENCODER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PES12_MDS Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PES12_MDS Datasheet HTML 1Page - Bourns Electronic Solutions PES12_MDS Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 2 of 2
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
 
MATERIAL DECLARATION SHEET
Sn
07440-31-5
9.0
P
07723-14-0
0.05
5
Contact Spring
Copper Alloy
0.124
Cu
07440-50-8
90.95
8.032
Plating
Sn
07440-31-5
100
8.86
C
07440-44-0
0.050
0.023
Mn
07439-96-5
0.240
0.112
P
07723-14-0
0.016
0.007
S
07704-34-9
0.012
0.006
Si
14464-46-1
0.010
0.005
Al
07429-90-5
0.045
0.021
6
Housing Cover
Steel
0.65
Fe
07439-89-6
99.627
46.456
46.63
Total weight
1.4
This Document was updated on: Aug 26, 2008
Important remarks:
1. It is the responsibility of the user to verify they are accessing the latest version.
2. RoHS Exemption 6c. Lead in Copper Alloy


Similar Part No. - PES12_MDS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PES12-40S-N0024 BOURNS-PES12-40S-N0024 Datasheet
163Kb / 2P
   12 mm Shaftless Encoder
PES12-40S-N0024 BOURNS-PES12-40S-N0024 Datasheet
163Kb / 2P
   12 mm Shaftless Encoder
PES12-42S-N0024 BOURNS-PES12-42S-N0024 Datasheet
163Kb / 2P
   12 mm Shaftless Encoder
logo
Phihong USA Inc.
PES12779 PHIHONG-PES12779 Datasheet
1Mb / 45P
   Phihong Midspan POE with TCPIP (SNMPv2c)
logo
Renesas Technology Corp
PES12T3BG2 RENESAS-PES12T3BG2 Datasheet
931Kb / 31P
   12-Lane 3-Port Gen2 PCI Express® Switch
February 2, 2010
More results

Similar Description - PES12_MDS

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
   Mechanical Encoder
Revision: 05-Aug-04
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
logo
CUI INC
AMT10 CUI-AMT10_13 Datasheet
617Kb / 8P
   MODULAR ENCODER
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com