Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62S9308X-70S Datasheet(PDF) 2 Page - AMIC Technology

Part # A62S9308X-70S
Description  512K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S9308X-70S Datasheet(HTML) 2 Page - AMIC Technology

  A62S9308X-70S Datasheet HTML 1Page - AMIC Technology A62S9308X-70S Datasheet HTML 2Page - AMIC Technology A62S9308X-70S Datasheet HTML 3Page - AMIC Technology A62S9308X-70S Datasheet HTML 4Page - AMIC Technology A62S9308X-70S Datasheet HTML 5Page - AMIC Technology A62S9308X-70S Datasheet HTML 6Page - AMIC Technology A62S9308X-70S Datasheet HTML 7Page - AMIC Technology A62S9308X-70S Datasheet HTML 8Page - AMIC Technology A62S9308X-70S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
A62S9308 Series
Preliminary
512K X 8 BIT LOW VOLTAGE CMOS SRAM
PRELIMINARY
(February, 2001, Version 0.0)
1
AMIC Technology, Inc.
A17
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O7
A10
A9
A8
A13
A18
A15
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
OE
CE1
WE
A10
7
6
5
4
3
GND
OE
CE1
2
1
0
A16
A62S9308V
(A62S9308X)
1
9
32
24
A11
A9
2
3
4
5
6
7
8
10
11
12
13
14
15
16
A8
A13
VCC
A17
A14
A12
A7
A6
A5
A4
31
30
29
28
27
26
25
23
22
21
20
19
18
17
I/O
I/O
I/O
I/O
I/O
A0
A1
A2
A3
A15
WE
A18
I/O
I/O
I/O
A16
1
2
3
4
5
6
A
A0
A1
CE2
A3
A6
A8
B
I/O4
A2
WE
A4
A7
I/O0
C
I/O5
NC
A5
I/O1
D
VSS
VCC
E
VCC
VSS
F
I/O6
A18
A17
I/O2
G
I/O7
OE
CE1
A16
A15
I/O3
H
A9
A10
A11
A12
A13
A14
Features
n Power supply range: 2.7V to 3.6V
n Access times:70 ns (max.)
n Current:
A62S9308-S series:
Operating: 40mA (max.)
Standby:
10
µA (max.)
A62S9308-SI series:
Operating: 40mA (max.)
Standby:
15
µA (max.)
n Extended operating temperature range: -25
°C to 85°C
for -SI series
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL compatible
n Common I/O using three-state output
n Output enable and two chip enable inputs for easy
application
n Data retention voltage: 2V (min.)
n Available in 32-pin SOP, TSOP, sTSOP (8X
13.4mm) forward type and 36-ball Mini BGA (6X8)
packages
General Description
The A62S9308 is a low operating current 4,194,304-bit
static random access memory organized as 524,288
words by 8 bits and operates on a low power supply
voltage from 2.7V to 3.6V.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Two chip enable inputs for Mini BGA package are
provided for power down and a device enable and an
output enable input are included for easy interfacing.
Data retention is guaranteed at a power supply voltage
as low as 2V.
Pin Configurations
n
n SOP
n
n TSOP/(sTSOP)
n
n Mini BGA (6X8) Top View
(forward type)


Similar Part No. - A62S9308X-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308 AMICC-A62S6308 Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10S AMICC-A62S6308G-10S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10SI AMICC-A62S6308G-10SI Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-70S AMICC-A62S6308G-70S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S9308X-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4001 BSI-BS62LV4001 Datasheet
341Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4005 BSI-BS62LV4005 Datasheet
328Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com