Electronic Components Datasheet Search |
|
TLJW157M006S0200 Datasheet(PDF) 4 Page - AVX Corporation |
|
TLJW157M006S0200 Datasheet(HTML) 4 Page - AVX Corporation |
4 / 4 page TLJ Series Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series RATINGS & PART NUMBER REFERENCE Rated Maximum DCL ESR 100kHz Ripple Current (mA) 100kHz Ripple Voltage (mV) AVX Case Capacitance Voltage Surge (μA) Max. (mΩ) MSL Part No. Size (μF) (V) Current (A)* Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC 10 Volt @ 40ºC (5 Volt @ 85ºC, 2 Volt @ 125ºC) TLJN106M010#2500 N 10 10 1.7 1.0 2500 3 141 127 57 354 318 141 TLJR106M010#2000 R 10 10 2.0 1.0 2000 3 166 149 66 332 298 133 TLJR106M010#3000 R 10 10 1.4 1.0 3000 3 135 122 54 406 366 162 TLJR156M010#2000 R 15 10 2.0 1.5 2000 3 166 149 66 332 298 133 TLJK226M010#1800 K 22 10 2.2 2.2 1800 3 190 171 76 342 308 137 TLJN226M010#3800 N 22 10 1.2 2.2 3800 3 115 103 46 436 392 174 TLJR226M010#3800 R 22 10 1.2 2.2 3800 3 120 108 48 457 411 183 TLJK336M010#1500 K 33 10 2.6 3.3 1500 3 208 187 83 312 281 125 TLJN336M010#9600 N 33 10 0.5 6.6 9600 3 72 65 29 693 624 277 TLJP336M010#3500 P 33 10 1.3 3.3 3500 3 141 127 57 424 382 170 TLJR336M010#3500 R 33 10 1.3 3.3 3500 3 125 113 50 439 395 175 TLJS336M010#1500 S 33 10 2.6 3.3 1500 3 208 187 83 312 281 125 TLJA476M010#0600 A 47 10 4.8 4.7 600 3 354 318 141 212 191 85 TLJG476M010#1500 G 47 10 2.6 4.7 1500 3 216 194 86 324 292 130 TLJP476M010#3200 P 47 10 1.4 4.7 3200 3 137 123 55 438 394 175 TLJR476M010#3200 R 47 10 1.4 9.4 3200 3 131 118 52 420 378 168 TLJS476M010#1500 S 47 10 2.6 4.7 1500 3 208 187 83 312 281 125 TLJT476M010#0600 T 47 10 4.8 4.7 600 3 365 329 146 219 197 88 TLJA686M010#1500 A 68 10 2.6 6.8 1500 3 224 201 89 335 302 134 TLJA107M010#1400 A 100 10 2.7 10.0 1400 3 231 208 93 324 292 130 TLJH107M010#0900 H 100 10 3.7 10.0 900 3 298 268 119 268 241 107 TLJT107M010#0900 T 100 10 3.7 10.0 900 3 298 268 119 268 241 107 TLJB157M010#0500 B 150 10 5.3 15.0 500 3 412 371 165 206 186 82 TLJW157M010#0150 W 150 10 8.3 15.0 150 3 775 697 310 116 105 46 TLJW157M010#0200 W 150 10 7.7 15.0 200 3 671 604 268 134 121 54 TLJF227M010#0300 F 220 10 6.7 22.0 300 3 577 520 231 173 156 69 16 Volt @ 40ºC (8 Volt @ 85ºC, 3.2 Volt @ 125ºC) TLJS106M016#2200 S 10 16 3.0 1.6 2200 3 172 155 69 378 340 151 TLJT226M016#1000 T 22 16 5.5 3.5 1000 3 283 255 113 283 255 113 TLJT336M016#1000 T 33 16 5.5 5.3 1000 3 283 255 113 283 255 113 20 Volt @ 40ºC (10 Volt @ 85ºC, 4 Volt @ 125ºC) TLJT106M020#1000 T 10 20 6.9 2.0 1000 3 283 255 113 283 255 113 Voltage vs Temperature Rating 100% 100% 33% 67% 50% 20% 80% 80% 0% 20% 40% 60% 80% 100% 120% -55°C 40°C 0°C 60°C 85°C 125°C 105°C rated range recommended derating Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. ESR allowed to move up to 1.25 times catalogue limit post mounting DCL allowed to move up to 2.00 times catalogue limit post mounting For typical weight and composition see page 123. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 20 |
Similar Part No. - TLJW157M006S0200 |
|
Similar Description - TLJW157M006S0200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |