Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAP-12V-S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PAP-12V-S
Description  FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PAP-12V-S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PAP-12V-S Datasheet HTML 1Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 2Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 3Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 4Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 5Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 6Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 7Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 8Page - List of Unclassifed Manufacturers PAP-12V-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
408
PA FAMILY SERIES /PA•PAF•PAL CONNECTOR
(25.8)retainer included
(26)retainer included
PAF Receptacle + PAL Receptacle
PA Receptacle + PAL Receptacle
(Retainer mountable type)
(21.5)retainer included
PA Receptacle + PAL Receptacle
(Standard type)
7.1
A
±0.05
1.5
±0.05
2.0
±0.05
φ1.1
+0.1
 0
7.2
7.1
PAF Receptacle +
PA high box type header
PA Receptacle +
PA high box type header
(Retainer mountable type)
PA Receptacle +
PA high box type header
(Standard type)
φ0.7
+0.1
 0
PAF Receptacle +
PA side entry type header (SMT)
PA Receptacle +
PA side entry type header (SMT)
(Retainer mountable type)
+0.1
 0
φ0.8
MIN1.0
±0.05
2.2
±0.05
2.0
±0.1
1.8
8.9
11.1
(1.1)
±0.1
1.45
±0.1
1.7
+0.1
  0
R0.4
±0.1
1.0
±0.1
A
Connector outline
PA Receptacle +
PA side entry type header (SMT)
(Standard type)
8.9
(16)retainer included
(1.1)
8.9
(16.2)
(1.1)
+0.1
 0
φ0.8
MIN1.0
±0.05
2.2
±0.05
2.0
±0.1
1.8
±0.1
1.7
±0.1
A
+0.1
  0
R0.4
±0.1
1.0
±0.1
1.45
Connector outline
(6.2)
(1.4)
(7.6)
(1.4)
(6.2)
(1.4)
PAF Receptacle + PA Header
PA Receptacle + PA Header
(Retainer mountable type)
PA Receptacle + PA Header
(Standard type)
SMT type
Top entry type
Side entry type
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. The dimensions above should serve as a guideline. Contact JST for details.
High box type
Wire-to-wire
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
PC board layout (viewed from component side) and Assembly layout


Similar Part No. - PAP-12V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAP-12V-S ETC1-PAP-12V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-12V-S ETC2-PAP-12V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PAP-12V-S ETC2-PAP-12V-S Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PAP-12V-S JST-PAP-12V-S Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - PAP-12V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-03VF ETC2-PALR-03VF Datasheet
330Kb / 12P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
New Jersey Semi-Conduct...
Z130PA20A NJSEMI-Z130PA20A Datasheet
106Kb / 1P
   PA Series
logo
Tyco Electronics
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
logo
Standex Electronics, In...
MS07-PA STANDEX-MS07-PA Datasheet
80Kb / 1P
   MS07-PA SERIES MAGNETIC FLOAT
Rev.01 28.09.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com