Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEL12D-4216T-S1024 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PEL12D-4216T-S1024
Description  12 mm Encoder with Switch and Illuminated Shaft
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEL12D-4216T-S1024 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PEL12D-4216T-S1024 Datasheet HTML 1Page - Bourns Electronic Solutions PEL12D-4216T-S1024 Datasheet HTML 2Page - Bourns Electronic Solutions PEL12D-4216T-S1024 Datasheet HTML 3Page - Bourns Electronic Solutions PEL12D-4216T-S1024 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 05/12
Notes:
Reverse Current:
10
μA
Reverse Voltage:
5 VDC
Test Condition (IF):
20 mA
PEL12D - 12 mm Encoder with Switch and Illuminated Shaft
LED Characteristics (Dual)
LED Color
Power
Dissipation
(mW)
DC
Forward
Current
(mA)
Forward Voltage (V)
Typ.
Max.
Blue/
Orange
Blue
105
30
3.3
4.0
Orange
75
30
2.1
2.5
Green/
Red
Green
120
30
3.2
4.0
Red
75
30
1.95
2.5
Blue/
Green
Blue
120
30
3.3
4.0
Green
120
30
3.2
4.0
Red/
Green
Red
75
30
1.95
2.5
Green
120
30
3.2
4.0
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
Code
Color
Terminals
1
Blue / Orange
➀ ➁ / ➀ ➂
2
Green / Red
➀ ➁ / ➀ ➂
3
Blue / Green
➀ ➁ / ➀ ➂
LED Terminal Decoder
Product Dimensions
PEL12D-4xxxT-Sxxxx (Horizontal Mount w/Dual LED & Switch, Knurled Shaft w/Bushing)
PEL12D-4xxxG-Sxxxx (Horizontal Mount w/Dual LED & Switch, Flatted Shaft w/Bushing)
0.3
(.012)
6.0
(.236)
DIA.
18 TEETH
7.0
(.276)
7.0
(.276)
5.0
(.199)
L2
L1
LM
M9 X
0.75
(.030)
M9 X
0.75
(.030)
7.5
(.295)
17.5
(.689)
25.0
(.984)
DIMENSIONS:
MM
(INCHES)
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
Quadrature Output Table
A Signal
CW
D
ON
OFF
B Signal
CCW
Suggested Filter Circuit
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01
μF
0.01
μF
ENCODER
L2
L1
LM
5
(.197)
11
(.433)
18.5
(.728)
7
(.276)
13.5
(.532)
21
(.827)
12
(.472)
18.5
(.728)
26
(1.024)


Similar Part No. - PEL12D-4216T-S1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
More results

Similar Description - PEL12D-4216T-S1024

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEL12D BOURNS-PEL12D Datasheet
405Kb / 4P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T BOURNS-PEL12T Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024 Datasheet
311Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12T-4021F-S1024 BOURNS-PEL12T-4021F-S1024_16 Datasheet
392Kb / 3P
   12 mm Encoder with Switch and Illuminated Shaft
PEL12S-4020F-N1024 BOURNS-PEL12S-4020F-N1024 Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
PEL12S BOURNS-PEL12S Datasheet
386Kb / 4P
   12 mm Encoder with Illuminated Shaft
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com