Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT595D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74VHCT595D
Description  8-bit serial-in/serial-out or parallel-out shift register with output latches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74VHCT595D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74VHCT595D Datasheet HTML 2Page - NXP Semiconductors 74VHCT595D Datasheet HTML 3Page - NXP Semiconductors 74VHCT595D Datasheet HTML 4Page - NXP Semiconductors 74VHCT595D Datasheet HTML 5Page - NXP Semiconductors 74VHCT595D Datasheet HTML 6Page - NXP Semiconductors 74VHCT595D Datasheet HTML 7Page - NXP Semiconductors 74VHCT595D Datasheet HTML 8Page - NXP Semiconductors 74VHCT595D Datasheet HTML 9Page - NXP Semiconductors 74VHCT595D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
74VHC_VHCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 July 2012
6 of 22
NXP Semiconductors
74VHC595; 74VHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO16 packages: above 70
C the value of P
tot derates linearly at 8 mW/K.
For TSSOP16 packages: above 60
C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN16 packages: above 60
C the value of P
tot derates linearly at 4.5 mW/K.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7.0
V
VI
input voltage
0.5
+7.0
V
IIK
input clamping current
VI < 0.5 V
[1]
20
-
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1]
20
+20
mA
IO
output current
VO = 0.5 V to (VCC +0.5 V)
25
+25
mA
ICC
supply current
-
+75
mA
IGND
ground current
75
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2] -
500
mW


Similar Part No. - 74VHCT595D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74VHCT595D NEXPERIA-74VHCT595D Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHCT595D-Q100 NEXPERIA-74VHCT595D-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results

Similar Description - 74VHCT595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHCT595 NEXPERIA-74AHCT595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com