Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62S6308G-10S Datasheet(PDF) 11 Page - AMIC Technology

Part # A62S6308G-10S
Description  64K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S6308G-10S Datasheet(HTML) 11 Page - AMIC Technology

Back Button A62S6308G-10S Datasheet HTML 7Page - AMIC Technology A62S6308G-10S Datasheet HTML 8Page - AMIC Technology A62S6308G-10S Datasheet HTML 9Page - AMIC Technology A62S6308G-10S Datasheet HTML 10Page - AMIC Technology A62S6308G-10S Datasheet HTML 11Page - AMIC Technology A62S6308G-10S Datasheet HTML 12Page - AMIC Technology A62S6308G-10S Datasheet HTML 13Page - AMIC Technology A62S6308G-10S Datasheet HTML 14Page - AMIC Technology A62S6308G-10S Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
A62S6308 Series
(October, 1998, Version 2.0)
10
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ1,
tCLZ2, tOHZ, tOLZ, tCHZ1,
tCHZ2, tWHZ, and tOW
Data Retention Characteristics
(TA = 0
°C to + 70°C or -25°C to 85°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR1
2.0
3.6
V
CE1
≥ VCC - 0.2V
VDR2
VCC for Data Retention
2.0
3.6
V
CE2
≤ 0.2V
CE1
≥ VCC - 0.2V or
CE1
≤ 0.2V
ICCDR1
S-Version
-
10*
µA
VCC = 2.0V
CE1
≥ VCC - 0.2V
Data Retention Current
SI-Version
-
20**
CE2
≥ VCC - 0.2V
VIN
≥ 0V
ICCDR2
S-Version
-
10*
µA
VCC = 2.0V
CE2
≤ 0.2V
SI-Version
-
20**
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
ns
tR
Operation Recovery Time
tRC
-
ns
See Retention Waveform
tVR
VCC Rise Time from Data Retention Voltage
to Operating Voltage
5
-
ms
** A62S6308-70S/10S
ICCDR: Max. 3
µA at TA = 0°C + 40°C
* A62S6308-70SI/10SI
ICCDR: Max. 3
µA at TA = 0°C + 40°C


Similar Part No. - A62S6308G-10S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S6308G-10S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1015 BSI-BS616LV1015 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com