Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8032 Datasheet(PDF) 4 Page - AMIC Technology

Part # A8032
Description  8 Bit Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8032 Datasheet(HTML) 4 Page - AMIC Technology

  A8032 Datasheet HTML 1Page - AMIC Technology A8032 Datasheet HTML 2Page - AMIC Technology A8032 Datasheet HTML 3Page - AMIC Technology A8032 Datasheet HTML 4Page - AMIC Technology A8032 Datasheet HTML 5Page - AMIC Technology A8032 Datasheet HTML 6Page - AMIC Technology A8032 Datasheet HTML 7Page - AMIC Technology A8032 Datasheet HTML 8Page - AMIC Technology A8032 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
A8032 Series
PRELIMINARY
(November, 1998, Version 0.0)
3
AMIC Technology, Inc.
Pin Description
Pin No.
Symbol
I/O
Description
I/O
Port1. Port1 is a bidirectional I/O port with internal pull-ups. Pin
P1.0 and P1.1 also provide alternate functions as follows:
I/O
P1.0
T2
Timer/Counter2 external input/clock out
1 - 8
P1.0 - P1.7
I
P1.1
T2EX
Timer/Counter2 capture/reload input
9
RST
I
Reset input, active high. It must be kept high for at least two
machine cycles to be recognized by the processor
10 - 17
P3.0 - P3.7
I/O
Port3. Port3 is a bidirectional I/O port with internal pull-ups. Port3
pins also serve alternate functions as follows:
I
P3.0
RXD
Serial receive port
O
P3.1
TXD
Serial transmit port
I
P3.2
INT0
External interrupt 0
I
P3.3
INT1
External interrupt 1
I
P3.4
T0
Timer/Counter 0 input
I
P3.5
T1
Timer/Counter 1 input
O
P3.6
WR
External data memory write strobe
O
P3.7
RD
External data memory read strobe
18
XTAL2
O
Crystal2. This is the output of crystal oscillator. It is the inversion
of XTAL1
19
XTAL1
I
Crystal1. This is the input of crystal oscillator. It can be driven by
an external clock
20
GND
I
Ground
21 - 28
P2.0 - P2.7
I/O
Port2. Port2 is a bidirectional I/O port with internal pull-ups. Port2
is also the multiplexed upper-order address bus during accesses
to external data memory
29
PSEN
O
Program Store Enable, active low. The read strobe to external
program memory. PSEN is activated in each machine cycle
when fetching external program memory
30
ALE
O
Address latch enable, active high. ALE is used to enable the
address latch that separates the data on Port 0
31
EA
I
External Access enable, active low. It is held low to enable the
device to fetch code from external program memory
32 - 39
P0.7 - P0.0
I/O
Port0. Port0 is an open drain, bidirectional I/O port. Port0 is also
the multiplexed low-order address bus during accesses to external
data memory
40
VCC
I
Power supply


Similar Part No. - A8032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A8032208 ETC2-A8032208 Datasheet
464Kb / 4P
   P O T T I N G B O X E S
More results

Similar Description - A8032

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com