Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M70Y103KB25 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M70Y103KB25
Description  Rectangular Multi-Turn Cermet Trimmer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M70Y103KB25 Datasheet(HTML) 1 Page - Vishay Siliconix

  M70Y103KB25 Datasheet HTML 1Page - Vishay Siliconix M70Y103KB25 Datasheet HTML 2Page - Vishay Siliconix M70Y103KB25 Datasheet HTML 3Page - Vishay Siliconix M70Y103KB25 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
70
www.vishay.com
Vishay Spectrol
Revision: 02-Oct-13
1
Document Number: 57076
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1 1/4" Rectangular Multi-Turn Cermet Trimmer
FEATURES
• 0.5 W at 70 °C
• Unique “T” slider block design
• Wire leads available
• CRV of 3 % or 3
• RT tolerance ± 10 % STD (± 5 % available)
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in inches (millimeters) ± 0.02" (± 0.5 mm)
70Y
70L
T 601
Mtg. holes
Ø 0.093 (2.36)
1.250
(31.75)
1.000
(25.40)
0.125
(3.18)
± 0.010
Ø 0.11
(2.79)
0.070
(1.78)
± 0.010
± 0.010
± 0.010
0.025
(0.63)
± 0.010
0.050
(1.27)
± 0.010
0.700
(17.28)
± 0.010
0.300
(7.62)
± 0.010
0.100
(2.54)
± 0.010
0.030
(0.76)
0.260
(6.60)
Adjustment screw
head slot
± 0.015 0.025 (0.64) wide x
0.030 (076) deep
0.196
(4.98)
± 0.010
0.325
(8.25)
± 0.015
0.500
(12.70)
± 0.030
Ø 0.028 typ.
(0.71)
± 0.003
0.098
(2.49)
0.245
(6.22)
0.050
(1.27)
± 0.010
0.63 (1.60)
maximum meniscus
#28 AWG leads insulated 6"
(152.40 min. length)
7
(0.26)
Ø 5.49
(12-28 NF)
SPECTROL 6-2
43.2
(1.702)
7.6
(0.300)
6.5
(0.255)
Ø 10.2
(0.401)
12-28 hex nut
Shakeproof washer
10
(0.39)


Similar Part No. - M70Y103KB25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M70Y103KB25 VISHAY-M70Y103KB25 Datasheet
79Kb / 4P
   1 1/4 Rectangular Multi-Turn Cermet Trimmer
01-Jan-2022
More results

Similar Description - M70Y103KB25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T18102KT10 VISHAY-T18102KT10 Datasheet
87Kb / 5P
   3/4 Rectangular Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T18105KT10 VISHAY-T18105KT10 Datasheet
87Kb / 5P
   3/4" Rectangular Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T18 VISHAY-T18_17 Datasheet
90Kb / 5P
   3/4 Rectangular Multi-Turn Cermet Trimmer
Revision: 24-Sep-15
T18 VISHAY-T18 Datasheet
102Kb / 4P
   3/4" Rectangular Multi-Turn Cermet Trimmer
Revision: 26-Jun-07
T18 VISHAY-T18_V01 Datasheet
79Kb / 5P
   3/4" Rectangular Multi-Turn Cermet Trimmer
01-Jan-2022
M43P103KB40 VISHAY-M43P103KB40 Datasheet
123Kb / 2P
   3/4 Rectangular (19mm) Multi-Turn Cermet Trimmer
Revision: 05-Aug-04
M70L103KB25 VISHAY-M70L103KB25_V01 Datasheet
79Kb / 4P
   1 1/4 Rectangular Multi-Turn Cermet Trimmer
01-Jan-2022
T93YA502KT20 VISHAY-T93YA502KT20 Datasheet
96Kb / 5P
   Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
43P103T601BO200E3 VISHAY-43P103T601BO200E3 Datasheet
110Kb / 4P
   3/4 Rectangular (19 mm) Multi-Turn Cermet Trimmer
Revision: 12-Sep-07
M43P103KB40T601 VISHAY-M43P103KB40T601_V01 Datasheet
92Kb / 5P
   3/4 Rectangular (19 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com