Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74S240DWRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74S240DWRE4
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74S240DWRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74S240DWRE4 Datasheet HTML 3Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 4Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 5Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 6Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 7Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 8Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 9Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 10Page - Texas Instruments SN74S240DWRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDLS144C − APRIL 1985 − REVISED MAY 2010
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LS’
SN74LS’
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIK
VCC = MIN,
II = −18 mA
−1.5
−1.5
V
Hysteresis
(VT+ − VT−)
VCC = MIN
0.2
0.4
0.2
0.4
V
V
VCC = MIN,
IOH = −3 mA
VIH = 2 V,
VIL = MAX,
2.4
3.4
2.4
3.4
V
VOH
VCC = MIN,
IOH = MAX
VIH = 2 V,
VIL = 0.5 V,
2
2
V
V
VCC = MIN,
V
2V
IOL = 12 mA
0.4
0.4
V
VOL
VCC = MIN,
VIL = MAX
VIH = 2 V,
IOL = 24 mA
0.5
V
IOZH
VCC = MAX,
VIL = MAX
VIH = 2 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = MAX,
VIL = MAX
VIH = 2 V,
VO = 0.4 V
−20
−20
µA
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VI = 2.7 V
20
20
µA
IIL
VCC = MAX,
VIL = 0.4 V
−0.2
−0.2
mA
IOS§
VCC = MAX,
−40
−225
−40
−225
mA
Outputs high
All
17
27
17
27
V
MAX
Outputs low
’LS240
26
44
26
44
ICC
VCC = MAX,
Output open
Outputs low
’LS241, ’LS244
27
46
27
46
mA
ICC
Output open
Outputs disabled
’LS240
29
50
29
50
mA
Outputs disabled
’LS241, ’LS244
32
54
32
54
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short-circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
’LS240
’LS241, ’LS244
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
R
667
C
45 pF
9
14
12
18
ns
tPHL
RL = 667 Ω,
CL = 45 pF
12
18
12
18
ns
tPZL
R
667
C
45 F
20
30
20
30
ns
tPZH
RL = 667 Ω,
CL = 45 pF
15
23
15
23
ns
tPLZ
R
667
C
5pF
10
20
10
20
ns
tPHZ
RL = 667 Ω,
CL = 5 pF
15
25
15
25
ns


Similar Part No. - SN74S240DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S240DWRE4 TI-SN74S240DWRE4 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74S240DWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com