Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3501AIDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3501AIDBVT
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3501AIDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV3501AIDBVT Datasheet HTML 5Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 6Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 7Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 8Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 9Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 10Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 11Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 12Page - Texas Instruments TLV3501AIDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
9
PCB LAYOUT
For any high-speed comparator or amplifier, proper design
and printed circuit board (PCB) layout are necessary for
optimal performance. Excess stray capacitance on the
active input, or improper grounding, can limit the maximum
performance of high-speed circuitry.
Minimizing resistance from the signal source to the
comparator input is necessary in order to minimize the
propagation delay of the complete circuit. The source
resistance along with input and stray capacitance creates
an RC filter that delays voltage transitions at the input, and
reduces the amplitude of high-frequency signals. The
input capacitance of the TLV350x along with stray
capacitance from an input pin to ground results in several
picofarads of capacitance.
The location and type of capacitors used for power-supply
bypassing are critical to high-speed comparators. The
suggested 2.2
µF tantalum capacitor do not need to be as
close to the device as the 0.1
µF capacitor, and may be
shared with other devices. The 2.2
µF capacitor buffers the
power-supply line against ripple, and the 0.1
µF capacitor
provides a charge for the comparator during high-
frequency switching.
In a high-speed circuit, fast rising and falling switching
transients create voltage differences across lines that
would be at the same potential at DC. To reduce this effect,
a ground plane is often used to reduce difference in voltage
potential within the circuit board. A ground plane has the
advantage of minimizing the effect of stray capacitances
on the circuit board by providing a more desirable path for
the current to flow. With a signal trace over a ground plane,
at high-frequency the return current (in the ground plane)
tends to flow right under the signal trace. Breaks in the
ground plane (as simple as through-hole leads and vias)
increase the inductance of the plane, making it less
effective at higher frequencies. Breaks in the ground plane
for necessary vias should be spaced randomly.
Figure 7 shows an evaluation layout for the TLV3501 SO-8
package; Figure 8 is for the SOT23-5 package. They are
shown with SMA connectors bringing signals on and off
the board. RT1 and RT2 are termination resistors for +VIN
and −VIN, respectively. C1 and C2 are power-supply
bypass capacitors. Place the 0.1
µF capacitor closest to
the comparator. The ground plane is not shown, but the
pads that the resistors and capacitors connect to are
shown. Figure 9 shows a schematic of this circuit.
−VIN
RT2
RT1
+VIN
SD
DUT
GND
+VS
C2
C1
VOUT
Figure 7. TLV3501D (SO-8) Sample Layout


Similar Part No. - TLV3501AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501AIDBVT TI-TLV3501AIDBVT Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDBVT TI-TLV3501AIDBVT Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDBVTG4 TI-TLV3501AIDBVTG4 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - TLV3501AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com