Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG190112 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TG190112
Description  Mini Helical Quad-Band Cellular Antenna Connector Mount Monopole
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG190112 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TG190112 Datasheet HTML 1Page - List of Unclassifed Manufacturers TG190112 Datasheet HTML 2Page - List of Unclassifed Manufacturers TG190112 Datasheet HTML 3Page - List of Unclassifed Manufacturers TG190112 Datasheet HTML 4Page - List of Unclassifed Manufacturers TG190112 Datasheet HTML 5Page - List of Unclassifed Manufacturers TG190112 Datasheet HTML 6Page - List of Unclassifed Manufacturers TG190112 Datasheet HTML 7Page - List of Unclassifed Manufacturers TG190112 Datasheet HTML 8Page - List of Unclassifed Manufacturers TG190112 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPE-13-8-016/A/EZ
Page 3 of 10
2. SPECIFICATION
ELECTRICAL
Antenna
TG12
Standard
GSM/DCS/PCS/CDMA/GPRS/EDGE
Operation Frequency
(MHz)
824~880
880~960
1710~1880
1880~1990
Polarization
Linear
Linear
Linear
Linear
Impedance
50 Ohms
50 Ohms
50 Ohms
50 Ohms
VSWR
2.0:1
2.3.0:1
2.3:1
<2.0:1
Return Loss (dB)
-10.0
-8.0
-8
-10
Efficiency (%)
45
45
45
55
Gain (dBi)
0.0
0.0
0.5
1.2
Average Gain (dB)
-3.5
-3.5
-3.5
-2.7
Max Input Power
5 W
5 W
5 W
5 W
* The TG.19 antenna performance was measured on a 110*45 mm evaluation board
MECHANICAL
Dimensions (mm)
28.5x17.0x.7.8
Required Space (mm)
28.5x17x.7.8
Material
UV Resistant ABS
Connector
SMA(M)RA
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Relative Humidity
40% to 95%
RoHs Compliant
Yes


Similar Part No. - TG190112

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TG190112 TAOGLAS-TG190112 Datasheet
500Kb / 10P
   Mini Helical Quad-Band Cellular Antenna Connector Mount Monopole
More results

Similar Description - TG190112

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TG190112 TAOGLAS-TG190112 Datasheet
500Kb / 10P
   Mini Helical Quad-Band Cellular Antenna Connector Mount Monopole
logo
List of Unclassifed Man...
TG220111W ETC2-TG220111W Datasheet
641Kb / 12P
   PENTA BAND CELLULAR CONNECTOR MOUNT MONOPOLE HELICAL ANTENNA
logo
Taoglas antenna solutio...
TG.19.0112 TAOGLAS-TG.19.0112 Datasheet
500Kb / 10P
   Mini Helical Quad-Band Cellular Antenna
TG.19.0112 TAOGLAS-TG.19.0112_14 Datasheet
637Kb / 10P
   Mini Helical Quad-Band Cellular Antenna
logo
List of Unclassifed Man...
TG220112 ETC2-TG220112 Datasheet
312Kb / 8P
   Penta-Band Cellular Connector Mount Monopole Helical
TG220152 ETC2-TG220152 Datasheet
329Kb / 8P
   Penta-Band Cellular Connector Mount Monopole Helical
logo
Taoglas antenna solutio...
TG.22.0112 TAOGLAS-TG.22.0112_16 Datasheet
3Mb / 44P
   Penta-Band Cellular Connector Mount Monopole Helical
TG.22.0222 TAOGLAS-TG.22.0222_16 Datasheet
1Mb / 11P
   2G/3G Penta-Band Cellular Connector Mount Monopole Antenna
logo
List of Unclassifed Man...
HA.31.A ETC2-HA.31.A Datasheet
3Mb / 24P
   Embedded Helical Monopole Antenna
logo
Taoglas antenna solutio...
HA10A TAOGLAS-HA10A Datasheet
1Mb / 14P
   169MHz Helical Monopole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com