Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS160808-1R8K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CS160808-1R8K
Description  Ferrite Multi-Layer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CS160808-1R8K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CS160808-1R8K Datasheet HTML 1Page - Bourns Electronic Solutions CS160808-1R8K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS160808 Series - Ferrite Multi-Layer Chip Inductors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Bourns Part No.
Inductance
Q
Test Freq.
SRF MHz
DCR
I rms
µH
Tol. %
typ.
L,Q MHz
min.
typ.
mΩ max.
mA max.
CS160808-47NK
0.047
±10
45
50
260
320
150
200
CS160808-68NK
0.068
±10
45
50
250
290
200
200
CS160808-82NK
0.082
±10
45
50
245
280
250
200
CS160808-R10K
0.10
±10
30
25
240
270
250
200
CS160808-R12K
0.12
±10
30
25
205
260
300
200
CS160808-R15K
0.15
±10
30
25
180
250
350
200
CS160808-R18K
0.18
±10
30
25
165
220
400
200
CS160808-R22K
0.22
±10
30
25
150
200
400
200
CS160808-R27K
0.27
±10
30
25
136
190
500
200
CS160808-R33K
0.33
±10
30
25
125
180
550
150
CS160808-R39K
0.39
±10
30
25
110
170
600
150
CS160808-R47K
0.47
±10
30
25
105
160
700
150
CS160808-R56K
0.56
±10
30
25
95
150
900
150
CS160808-R68K
0.68
±10
30
25
80
140
900
150
CS160808-R82K
0.82
±10
30
25
75
130
1400
100
CS160808-1R0K
1.0
±10
50
10
70
95
500
100
CS160808-1R2K
1.2
±10
50
10
60
80
600
100
CS160808-1R5K
1.5
±10
50
10
55
70
650
50
CS160808-1R8K
1.8
±10
50
10
50
70
750
50
CS160808-2R2K
2.2
±10
50
10
45
60
900
50
CS160808-2R7K
2.7
±10
50
10
40
55
1000
50
9.0
(.354)
12.0
(.472)
2.0 ± 0.8
(.079 ± .031)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
Packaging Specifications
Features
0603 size
Magnetic shielding
High Q characteristics
Nickel barrier
RoHS compliant*
Applications
Prevention of electromagnetic
interference to signals on the secondary
side of electronic equipment
Electrical Specifications
Product Dimensions
Recommended Layout
1.6 ± 0.15
(.063 ± .006)
0.5
(.020)
MAX.
0.8 ± 0.15
(.031 ± .006)
0.8 ± 0.15
(.031 ± .006)
General Specifications
Temperature Rise
...................20 ˚C max. at rated current
Operating Temperature
..................................-55 °C to +125 °C
Storage Temperature
.................................-55 °C to +125 °C
Reflow Soldering ...230 °C, 50 sec. max.
Resistance to Soldering Heat
...............................260 ˚C, 10 seconds
Materials
Base Material ................................Ferrite
Terminal.....................................Ag/Ni/Sn
Packaging..................4,000 pcs. per reel
1.3
(.051)
REF.
REF.
0.5
(0.02)
REF.
1.0
(.039)
REF.
1.0
(.039)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CS160808-1R8K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CS160808-1R8K BOURNS-CS160808-1R8K Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
More results

Similar Description - CS160808-1R8K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
   Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CV201210 BOURNS-CV201210_11 Datasheet
190Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
   Multi-layer Chip Inductors - Ferrite
CTML0805 CT-CTML0805 Datasheet
228Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com