Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD234 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD234
Description  3.3-V CAN TRANSCEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD234 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD234 Datasheet HTML 6Page - Texas Instruments SN65HVD234 Datasheet HTML 7Page - Texas Instruments SN65HVD234 Datasheet HTML 8Page - Texas Instruments SN65HVD234 Datasheet HTML 9Page - Texas Instruments SN65HVD234 Datasheet HTML 10Page - Texas Instruments SN65HVD234 Datasheet HTML 11Page - Texas Instruments SN65HVD234 Datasheet HTML 12Page - Texas Instruments SN65HVD234 Datasheet HTML 13Page - Texas Instruments SN65HVD234 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CANH
CANL
RS
D
AB or LBK
15 pF
±20%
+
-
VO
60
Ω ±1%
HVD233 or HVD235
CANH
CANL
RS
D
15 pF
±20%
+
-
VO
60
Ω ±1%
HVD234
VI
0 V
VI
0 V
EN
VCC
50%
VCC
0 V
VI
50%
VO
ten(s)
VOH
VOL
R
CANH
CANL
RS
D
15 pF
±20%
+
-
VO
60
Ω ±1%
HVD234
VI
0 V
EN
50%
VCC
0 V
VI
50%
VO
ten(z)
VOH
VOL
NOTE: All VI input pulses are supplied by a generator having the following characteristics:
tr or tf ≤ 6 ns, pulse repetition rate (PRR) = 50 kHz, 50% duty cycle.
R
VI
VOC
D
27
Ω ±1%
27
Ω ±1%
RS
CANH
CANL
50 pF
±20%
VOC
VOC(PP)
NOTE: All VI input pulses are supplied by a generator having the following characteristics:
tr or tf ≤ 6 ns, pulse repetition rate (PRR) = 125 kHz, 50% duty cycle.
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557F – NOVEMBER 2002 – REVISED AUGUST 2008.............................................................................................................................................. www.ti.com
NOTE: All VI input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 6 ns, pulse repetition rate
(PRR) = 125 kHz, 50% duty cycle.
Figure 8. ten(s) Test Circuit and Voltage Waveforms
Figure 9. ten(z) Test Circuit and Voltage Waveforms
Figure 10. VOC(pp) Test Circuit and Voltage Waveforms
10
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD233 SN65HVD234 SN65HVD235


Similar Part No. - SN65HVD234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD234 TI-SN65HVD234 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD234 TI-SN65HVD234 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234 TI-SN65HVD234 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234 TI-SN65HVD234 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SN65HVD234 TI1-SN65HVD234 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - SN65HVD234

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com