Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTR245PWR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVTR245PWR
Description  33-V ABT OCTAL TRANSCEIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTR245PWR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVTR245PWR Datasheet HTML 1Page - Texas Instruments SN74LVTR245PWR Datasheet HTML 2Page - Texas Instruments SN74LVTR245PWR Datasheet HTML 3Page - Texas Instruments SN74LVTR245PWR Datasheet HTML 4Page - Texas Instruments SN74LVTR245PWR Datasheet HTML 5Page - Texas Instruments SN74LVTR245PWR Datasheet HTML 6Page - Texas Instruments SN74LVTR245PWR Datasheet HTML 7Page - Texas Instruments SN74LVTR245PWR Datasheet HTML 8Page - Texas Instruments SN74LVTR245PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74LVTR245
3.3V ABT OCTAL TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS428A – OCTOBER 1993 – REVISED NOVEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range
(unlessotherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
V
VCC = MIN to MAX‡,
IOH = –100 µA
VCC–0.2
VCC = 2.7 V,
IOH = –8 mA
B port
2.4
VCC = 3 V,
IOH = –32 mA
B ort
2
VOH
VCC = MIN to MAX‡,
IOH = –100 µA
VCC–0.2
V
VOH
VCC = 2.7 V,
IOH = –1 mA
A port
2.4
V
V3 V
IOH = –3 mA
A port
2.4
VCC = 3 V
IOH = –12 mA
2
V
27V
IOL = 100 µA
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
VOL
IOL = 16 mA
0.4
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
V
VCC 3 V
IOL = 64 mA
0.55
VCC = 3.6 V,
VI = VCC or GND
Control pins
±1
VCC = 0 or MAX‡,
VI = 5.5 V
Control pins
10
II
VI = 5.5 V
20
µA
II
VCC = 3.6 V
VI = VCC
A or B ports§
5
µA
VCC 3.6 V
VI = 0
A or B orts§
–5
I
V3 V
VI = 0.8 V
A or B ports
75
A
II(hold)
VCC = 3 V
VI = 2 V
A or B ports
–75
µA
IOZH
VCC = 3.6 V,
VO = 3 V
1
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–1
µA
V
36V
I0
Outputs high
0.13
0.19
ICC
VCC = 3.6 V
VI =VCC or GND
IO = 0,
Outputs low
8.8
12
mA
ICC
VI = VCC or GND
Outputs disabled
0.13
0.19
mA
∆ICC¶
VCC = 3 V to 3.6 V,
One input at VCC – 0.6 V,
Other inputs at VCC or GND
0.2
mA
Ci
VI = 3 V or 0
4
pF
Cio
VO = 3 V or 0
10
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ Unused pins at VCC or GND
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


Similar Part No. - SN74LVTR245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTR245PW TI-SN74LVTR245PW Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTR245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH245A-EP TI1-SN74LVTH245A-EP Datasheet
510Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH543-EP TI1-SN74LVTH543-EP Datasheet
300Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245B TI-SN74LVT245B_10 Datasheet
781Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVT245B TI-SN74LVT245B Datasheet
489Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH652-EP TI1-SN74LVTH652-EP Datasheet
328Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVTH32245 TI-SN74LVTH32245 Datasheet
277Kb / 10P
[Old version datasheet]   3.3 V ABT BUS TRANSCEIVER WITH 3 STATE OUTPUTS
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B_10 Datasheet
650Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240-EP TI1-SN74LVTH240-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com