Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX11L Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX11L
Description  Telemetry, Ultra Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX11L Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX11L Datasheet HTML 1Page - STATEK CORPORATION CX11L Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER LOW PROFILE CX11L AT CRYSTALS
TERMINATIONS
Designation Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted. Spe-
cifications are subject to change without notice.
Fundamental Frequency
16 MHz
24 MHz
26.5 MHz
Motional Resistance R1(Ω)90
30
30
Motional Capacitance C1 (fF)
1.5
1.4
1.6
Quality Factor Q (k)
70
150
120
Shunt Capacitance C0 (pF)
0.7
0.7
0.7
Calibration Tolerance1
±100 ppm, or tighter as required
Load Capacitance
10 pF (unless specified otherwise)
Drive Level
200 µW MAX
Frequency-Temperature
±50 ppm to ±10 ppm (Commercial)
Stability1,2
±100 ppm to ±20 ppm (Industrial)
±100 ppm to ±30 ppm (Military)
Aging, first year
3 ppm MAX (better than 1 ppm available)
Shock, survival
5,000 g, 0.3 ms, 1/2 sine
Vibration, survival3
20 g, 10-2,000 Hz swept sine
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature
260OC for 20 sec.
1. Other tolerances available. Contact factory.
2. Does not include calibration tolerance. The characteristics of the frequency stability over
temperature follow that of the AT thickness-shear mode.
3. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
Frequency
M = MHz
C = Ceramic Lid SM1 = Gold Plated
(Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated
(Lead Free)
SM5 = Solder Dipped
(Lead Free)
Temp. Range:
C=-10OC to +70OC
I =-40OCto+85OC
S= Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 250C
(in ppm)
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
PACKAGING OPTIONS
• Tray Pack
• 12 mm tape, 7”or 13” reels
Per EIA 481 (see Tape and Reel data sheet 10109)
CX11
L
S
C
SM1
24.0M
,
30
/
10
/
/
I ,3pF
Blank = Standard
S = Special or
custom
10188 Rev C
EQUIVALENT CIRCUIT
L = Low Profile
Load
Capacitance
(Customer
Specified)


Similar Part No. - CX11L

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CX11L-AT IQD-CX11L-AT Datasheet
145Kb / 3P
   Quartz Crystal Specification
logo
EUROQUARTZ limited
CX11LHG EUROQUARTZ-CX11LHG Datasheet
181Kb / 1P
   Frequency Range 16MHz to 50MHz
logo
STATEK CORPORATION
CX11LHG STATEK-CX11LHG Datasheet
191Kb / 2P
   High Shock, Ultra Low Profile, Ultra-Miniature AT Quartz Crystal
More results

Similar Description - CX11L

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX4 STATEK-CX4 Datasheet
445Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM Datasheet
451Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM_11 Datasheet
107Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM_12 Datasheet
133Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4 STATEK-CX4_08 Datasheet
117Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX7VSM STATEK-CX7VSM_12 Datasheet
191Kb / 2P
   Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX11SM STATEK-CX11SM Datasheet
479Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM Datasheet
459Kb / 2P
   Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX14SM STATEK-CX14SM Datasheet
198Kb / 2P
   Ultra-Miniature, Ultra-Low Profile Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com