Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH55PN2R7NR0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH55PN2R7NR0
Description  1616 size (4.0x4.0mm) Height 1.8mm max.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH55PN2R7NR0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH55PN2R7NR0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH55PN2R7NR0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH55PN2R7NR0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH55PN2R7NR0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH55PN2R7NR0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH55PN2R7NR0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH55PN2R7NR0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
This information is the property of Murata Europe Management B.V. This information should not be copied or distributed in any fashion without the express written consent of Murata.
All information is subject to change without notice, is not warranted in any fashion and is provided as is.
(Power inductor (G Apps) SE0
-2)
Specifications
Appearance and Dimensions
Electrical characteristics
Part number
Inductance
(uH)
Test freq.
DCR
(ohms)
Idc1
(mA)
Idc2
(mA)
SRF
(MHz min)
LQH44PN1R0NJ0
1.0 +/-30%
0.048 +/-20%
2000
1530
130
LQH44PN1R5MJ0
1.5 +/-20%
0.061 +/-20%
1600
1380
90
LQH44PN2R2MJ0
2.2 +/-20%
0.074 +/-20%
1320
1230
68
LQH44PN3R3MJ0
3.3 +/-20%
0.088 +/-20%
900
1000
55
LQH44PN4R7MJ0
4.7 +/-20%
0.117 +/-20%
840
980
50
LQH44PN6R8MJ0
6.8 +/-20%
0.143 +/-20%
720
860
38
LQH44PN100MJ0
10 +/-20%
0.207 +/-20%
560
790
30
LQH44PN150MJ0
15 +/-20%
0.385 +/-20%
430
610
25
LQH44PN220MJ0
22 +/-20%
0.480 +/-20%
400
550
18
LQH44PN330MJ0
33 +/-20%
0.740 +/-20%
360
430
15
LQH44PN470MJ0
47 +/-20%
1.014 +/-20%
300
380
13
1MHz
1616 size (4.0x4.0mm)
Height 1.2mm max.
LQH44P_J0
LQH44P_J0 series
series
1.1 +/- 0.1
4.0
+/-
0.2
4.0
+/- 0
.2
Unit: mm
Ne
w
(1) Idc1: Inductance change within +/-30% from nominal value
(2) Idc2: Temperature rise below 40deg C
Operating temp. range: -40 to +85C
0
1
10
100
0
500
1000
1500
2000
2500
3000
3500
DC current (mA)
1R0
1R5
2R2
3R3
4R7
6R8
100
150
220
330
470
Other characteristics


Similar Part No. - LQH55PN2R7NR0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH55PN2R7NR0 MURATA-LQH55PN2R7NR0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
More results

Similar Description - LQH55PN2R7NR0

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1EH67A SHARP-LT1EH67A Datasheet
104Kb / 4P
   1616 Size, 0.8mm Thickness, Compact Dichromatic Leadless Chip LED Devices
logo
Murata Manufacturing Co...
LQH3NPN1R0NG0L MURATA-LQH3NPN1R0NG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
1280617 MURATA-1280617 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN680MG0L MURATA-LQH3NPN680MG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
logo
Sharp Corporation
LT1W67A SHARP-LT1W67A Datasheet
37Kb / 1P
   1616 Size, 0.8mm Thickness, Compact Full Color Leadless Chip LED Device
logo
Sumida Corporation
CDH20D10 SUMIDA-CDH20D10_10 Datasheet
434Kb / 4P
   Small size inductor 2.2mm Max square and 1.1mm Max height
logo
TOKO, Inc
DEM3512C TOKO-DEM3512C Datasheet
110Kb / 2P
   Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
logo
Altech corporation
AL1616-9 ALTECH-AL1616-9 Datasheet
98Kb / 1P
   ALUMINUM ENCLOSURE AL 1616-9
logo
ECM Electronics Limited...
LNC ECM-LNC Datasheet
134Kb / 3P
   Low 1.8mm Height Option
logo
SunLED Corporation
XZFRAZ67SBX-HTA SUNLED-XZFRAZ67SBX-HTA Datasheet
331Kb / 8P
   4.0x4.0mm High Temperature Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com