Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFPF10UP30ST Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FFPF10UP30ST
Description  10 A, 300 V, Ultrafast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10UP30ST Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FFPF10UP30ST Datasheet HTML 1Page - Fairchild Semiconductor FFPF10UP30ST Datasheet HTML 2Page - Fairchild Semiconductor FFPF10UP30ST Datasheet HTML 3Page - Fairchild Semiconductor FFPF10UP30ST Datasheet HTML 4Page - Fairchild Semiconductor FFPF10UP30ST Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.fairchildsemi.com
©2005 Fairchild Semiconductor Corporation
FFPF10UP30ST Rev. A


Similar Part No. - FFPF10UP30ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF10UP30ST FAIRCHILD-FFPF10UP30ST Datasheet
52Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results

Similar Description - FFPF10UP30ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF20UP30DNTU FAIRCHILD-FFPF20UP30DNTU Datasheet
509Kb / 5P
   20 A, 300 V, Ultrafast Dual Diode
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
FFPF10UP20STU FAIRCHILD-FFPF10UP20STU Datasheet
208Kb / 5P
   10 A, 200 V, Ultrafast Diode
logo
Power Integrations, Inc...
LQA10T300 POWERINT-LQA10T300 Datasheet
120Kb / 7P
   300 V, 10 A Q-Series Diode
logo
Nell Semiconductor Co.,...
NKFD300 NELLSEMI-NKFD300 Datasheet
362Kb / 4P
   Ultrafast Soft Recovery Diode, 300 A
NKFD300-40A NELLSEMI-NKFD300-40A Datasheet
401Kb / 4P
   FRED Ultrafast Soft Recovery Diode, 300 A
logo
Vishay Siliconix
VS-U5FH300FA60 VISHAY-VS-U5FH300FA60 Datasheet
161Kb / 6P
   FRED Pt짰 Gen 5 Ultrafast Rectifier Diode, 600 V, 300 A
01-Jan-2022
VS-VS5HD300CW60 VISHAY-VS-VS5HD300CW60 Datasheet
137Kb / 6P
   FRED Pt짰 Gen 5, Ultrafast Rectifier Diode, 600 V, 300 A
01-Jan-2022
VS-U5FH300FA60 VISHAY-VS-U5FH300FA60_V01 Datasheet
161Kb / 6P
   FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 300 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com