Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4351 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT4351
Description  8-channel analog multiplexer/demultiplexer with latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4351 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT4351 Datasheet HTML 2Page - NXP Semiconductors 74HCT4351 Datasheet HTML 3Page - NXP Semiconductors 74HCT4351 Datasheet HTML 4Page - NXP Semiconductors 74HCT4351 Datasheet HTML 5Page - NXP Semiconductors 74HCT4351 Datasheet HTML 6Page - NXP Semiconductors 74HCT4351 Datasheet HTML 7Page - NXP Semiconductors 74HCT4351 Datasheet HTML 8Page - NXP Semiconductors 74HCT4351 Datasheet HTML 9Page - NXP Semiconductors 74HCT4351 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
December 1990
6
Philips Semiconductors
Product specification
8-channel analog multiplexer/demultiplexer
with latch
74HC/HCT4351
Fig.6
Guaranteed operating area as a function
of the supply voltages for 74HC4351.
handbook, halfpage
10
8
6
4
2
0
02
4
6
8
10
VCC - VEE (V)
VCC - GND
(V)
MBA334
operating area
Fig.7
Guaranteed operating area as a function of
the supply voltages for 74HCT4351.
DC CHARACTERISTICS FOR 74HC/HCT
For 74HC: VCC − GND or VCC − VEE = 2.0, 4.5, 6.0 and 9.0 V
For 74HCT: VCC − GND = 4.5 and 5.5 V; VCC − VEE = 2.0, 4.5, 6.0 and 9.0 V
Notes to DC characteristics
1. At supply voltages (VCC − VEE) approaching 2.0 V, the analog switch ON-resistance becomes extremely non-linear.
There it is recommended that these devices be used to transmit digital signals only, when using these supply
voltages.
2. For test circuit measuring RON see Fig.8.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC/HCT
VCC
(V)
VEE
(V)
IS
(
µA)
Vis
VI
+25
−40 to +85
−40 to
+125
min. typ. max. min. max. min. max.
RON
ON resistance
(rail)
100
90
70
180
160
130
225
200
165
270
240
195
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VCC
to
VEE
VIN
or
VIL
RON
ON resistance
(rail)
150
80
70
60
140
120
105
175
150
130
210
180
160
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VEE
VIH
or
VIL
RON
ON resistance
(rail)
150
90
80
65
160
140
120
200
175
150
240
210
180
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VCC
VIH
or
VIL
∆R
ON
maximum
∆ ON
resistance
between any two
channels
9
8
6
2.0
4.5
6.0
4.5
0
0
0
−4.5
VCC
to
VEE
VIH
or
VIL


Similar Part No. - 74HCT4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4351 PHILIPS-74HCT4351 Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
NXP Semiconductors
74HCT4351D PHILIPS-74HCT4351D Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351D NEXPERIA-74HCT4351D Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
NXP Semiconductors
74HCT4351DB PHILIPS-74HCT4351DB Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
More results

Similar Description - 74HCT4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT4351_CNV PHILIPS-74HC_HCT4351_CNV_15 Datasheet
129Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
STMicroelectronics
M74HC4351 STMICROELECTRONICS-M74HC4351 Datasheet
216Kb / 12P
   ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
logo
NXP Semiconductors
74HC4353 PHILIPS-74HC4353 Datasheet
136Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com