Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS15M80CT Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS15M80CT
Description  Power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15M80CT Datasheet(HTML) 5 Page - STMicroelectronics

  STPS15M80CT Datasheet HTML 1Page - STMicroelectronics STPS15M80CT Datasheet HTML 2Page - STMicroelectronics STPS15M80CT Datasheet HTML 3Page - STMicroelectronics STPS15M80CT Datasheet HTML 4Page - STMicroelectronics STPS15M80CT Datasheet HTML 5Page - STMicroelectronics STPS15M80CT Datasheet HTML 6Page - STMicroelectronics STPS15M80CT Datasheet HTML 7Page - STMicroelectronics STPS15M80CT Datasheet HTML 8Page - STMicroelectronics STPS15M80CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STPS15M80C
Characteristics
Doc ID 018723 Rev 1
5/11
Figure 14.
Thermal resistance junction to ambient versus copper surface under tab for D2PAK
Figure 12.
Forward voltage drop versus
forward current (per diode)
Figure 13.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
(Typical values)
T = 125 °C
j
(Maximum values)
T = 125 °C
j
(Maximum values)
T = 25 °C
j
I
(A)
FM
V
(V)
FM
I
(A)
arm
10.0
11.0
12.0
13.0
14.0
15.0
16.0
100
105
110
115
120
125
130
135
140
145
150
I
(V
) 150 °C, 1 µs
arm
arm
V
(V)
arm
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
DPAK
2
R
(°C/W)
th(j-a)
S
(cm )
Cu
2
epoxy printed board copper thickness = 35 µm


Similar Part No. - STPS15M80CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS15M80CT STMICROELECTRONICS-STPS15M80CT Datasheet
143Kb / 11P
   Power Schottky rectifier
April 2011 Rev 1
More results

Similar Description - STPS15M80CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com