Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU2N62K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU2N62K3
Description  N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2N62K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STU2N62K3 Datasheet HTML 1Page - STMicroelectronics STU2N62K3 Datasheet HTML 2Page - STMicroelectronics STU2N62K3 Datasheet HTML 3Page - STMicroelectronics STU2N62K3 Datasheet HTML 4Page - STMicroelectronics STU2N62K3 Datasheet HTML 5Page - STMicroelectronics STU2N62K3 Datasheet HTML 6Page - STMicroelectronics STU2N62K3 Datasheet HTML 7Page - STMicroelectronics STU2N62K3 Datasheet HTML 8Page - STMicroelectronics STU2N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
STB/D/F/P/U2N62K3
Electrical ratings
Doc ID 018898 Rev 2
3/25
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK, DPAK,
TO-220, IPAK
TO-220FP
VDS
Drain-source voltage
620
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
2.2
2.2 (1)
1.
Limited by maximum junction temperature
A
ID
Drain current (continuous) at TC = 100 °C
1
1 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
8.8
8.8 (1)
A
PTOT
Total dissipation at TC = 25 °C
45
20
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
2.2
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
85
mJ
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
dv/dt (3)
3.
ISD ≤ 2.2 A, di/dt ≤ 400 A/µs,VDS peak ≤V(BR)DSS, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
12
V/ns
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK DPAK IPAK TO-220 TO-220FP
Rthj-case
Thermal resistance junction-case
max
2.78
6.25
°C/W
Rthj-pcb
Thermal resistance junction-pcb
max
30
50
°C/W
Rthj-amb
Thermal resistance junction-
ambient max
100
62.5
°C/W


Similar Part No. - STU2N62K3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STU2N62K3 VBSEMI-STU2N62K3 Datasheet
977Kb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STU2N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
   N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
STB4N62K3 STMICROELECTRONICS-STB4N62K3 Datasheet
1Mb / 18P
   N-channel 620 V, 1.7 廓, 3.8 A SuperMESH3 Power MOSFET
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
   N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com