Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3681A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3681A
Description  Multiple voltage regulator with switch and ignition buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA3681A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3681A Datasheet HTML 7Page - NXP Semiconductors TDA3681A Datasheet HTML 8Page - NXP Semiconductors TDA3681A Datasheet HTML 9Page - NXP Semiconductors TDA3681A Datasheet HTML 10Page - NXP Semiconductors TDA3681A Datasheet HTML 11Page - NXP Semiconductors TDA3681A Datasheet HTML 12Page - NXP Semiconductors TDA3681A Datasheet HTML 13Page - NXP Semiconductors TDA3681A Datasheet HTML 14Page - NXP Semiconductors TDA3681A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2003 Aug 29
11
Philips Semiconductors
Product specification
Multiple voltage regulator with
switch and ignition buffer
TDA3681A
Reset and hold buffer
Isink(L)
LOW-level sink current
VRES ≤ 0.8 V; VHOLD ≤ 0.8 V
2
−−
mA
ILO
output leakage current
VHOLD =5V
0.1
5
µA
Isource(H)
HIGH-level source
current
VRES = 5 V
240
400
900
µA
tr
rise time
note 4
750
µs
tf
fall time
note 4
150
µs
Reset delay
Ich
reset delay capacitor
charge current
VCRES =0V
2
4
8
µA
Idch
reset delay capacitor
discharge current
VCRES =3V;
VP1 =VP2 = 4.3 V
1.0
1.6
mA
Vth(r)(RES)
rising voltage threshold
reset signal
2.5
3.0
3.5
V
Vth(f)(RES)
falling voltage threshold
reset signal
1.0
1.2
1.4
V
td(RES)
delay reset signal
CCRES = 47 nF; note 5
20
35
70
ms
td(SW)
delay power switch
foldback protection
CCRES = 47 nF; note 6
8
17.6
40
ms
Regulator 1 (IREG1 = 5 mA; unless otherwise specified)
Vo(off)
output voltage off
1
400
mV
Vo(REG1)
output voltage
1 mA
≤ IREG1 ≤ 600 mA
8.0
8.5
9.0
V
9.5 V
≤ V
P1 ≤ 18 V
8.0
8.5
9.0
V
∆V
line
line regulation
9.5 V
≤ VP1 ≤ 18 V
275
mV
∆V
load
load regulation
1 mA
≤ IREG1 ≤ 600 mA
20
85
mV
Iq
quiescent current
IREG1 = 600 mA
25
60
mA
SVRR
supply voltage ripple
rejection
fi = 3 kHz; Vi = 2 V (p-p)
60
70
dB
Vdrop(REG1)
drop-out voltage
IREG1 = 550 mA;
VP1 = 8.55 V; note 7
0.4
0.7
V
Im(REG1)
current limit
VREG1 > 7 V; note 8
0.65
1.2
A
Isc(REG1)
short-circuit current
RL ≤ 0.5 Ω; note 9
250
800
mA
Regulator 2 (IREG2 = 5 mA; unless otherwise specified)
Vo(REG2)
output voltage
0.5 mA
≤ IREG2 ≤ 300 mA
4.75
5.0
5.25
V
7V
≤ VP1 ≤ 18 V
4.75
5.0
5.25
V
18 V
≤ VP1 ≤ 50 V;
IREG2 ≤ 150 mA
4.75
5.0
5.25
V
∆Vline
line regulation
6 V
≤ VP1 ≤ 18 V
250
mV
6V
≤ V
P1 ≤ 50 V
15
75
mV
∆Vload
load regulation
1 mA
≤ IREG2 ≤ 150 mA
20
50
mV
1mA
≤ IREG2 ≤ 300 mA
−−
100
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA3681A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3681J PHILIPS-TDA3681J Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3681JR PHILIPS-TDA3681JR Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3681TH PHILIPS-TDA3681TH Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
More results

Similar Description - TDA3681A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com