Selected language     English  ▼


TDA5051ATD-T Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA5051ATD-T
Description  Home automation modem
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
TDA5051A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 January 2011
7 of 29
NXP Semiconductors
TDA5051A
Home automation modem
9.
Limiting values
10. Characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
4.5
5.5
V
fosc
oscillator frequency
-
12
MHz
Tstg
storage temperature
−50
+150
°C
Tamb
ambient temperature
−50
+100
°C
Tj
junction temperature
-
125
°C
Table 5.
Characteristics
VDDD =VDDA =5V ± 5%; Tamb = 40 °C to +85 °C; VDDD connected to VDDA; DGND connected to AGND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
4.75
5
5.25
V
IDD(tot)
total supply current
fosc =8.48MHz
Reception mode
-
28
38
mA
Transmission
mode;
DATA_IN =0;
ZL =30 Ω
[1] -47
68
mA
Power-down mode
-
19
25
mA
IDD(RX/TX)(tot)
total analog + digital
supply current
VDD =5 V ± 5%;
Transmission or
Reception mode
-28
38
mA
IDD(PD)(tot)
total analog + digital
supply current
VDD =5 V ± 5%;
PD = HIGH;
Power-down mode
-19
25
mA
IDD(PAMP)
power amplifier
supply current
VDD =5 V ± 5%;
ZL =30 Ω;
DATA_IN = LOW in
Transmission mode
-19
30
mA
IDD(PAMP)(max) maximum power amplifier
supply current
VDD =5 V ± 5%;
ZL =1 Ω;
DATA_IN = LOW in
Transmission mode
-76
-
mA
DATA_IN and PD inputs; DATA_OUT and CLK_OUT outputs
VIH
HIGH-level input voltage
0.2VDD +0.9
-
VDD +0.5
V
VIL
LOW-level input voltage
−0.5
-
0.2VDD − 0.1
V
VOH
HIGH-level output voltage
IOH = −1.6 mA
2.4
-
-
V
VOL
LOW-level output voltage
IOL = 1.6 mA
-
-
0.45
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl