Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5051A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA5051A
Description  Home automation modem
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA5051A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA5051A Datasheet HTML 17Page - NXP Semiconductors TDA5051A Datasheet HTML 18Page - NXP Semiconductors TDA5051A Datasheet HTML 19Page - NXP Semiconductors TDA5051A Datasheet HTML 20Page - NXP Semiconductors TDA5051A Datasheet HTML 21Page - NXP Semiconductors TDA5051A Datasheet HTML 22Page - NXP Semiconductors TDA5051A Datasheet HTML 23Page - NXP Semiconductors TDA5051A Datasheet HTML 24Page - NXP Semiconductors TDA5051A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TDA5051A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 January 2011
21 of 29
NXP Semiconductors
TDA5051A
Home automation modem
(1) See Figure 22.
Fig 23. Test set-up for measuring Bit Error Rate (BER)
002aaf053
TDA5051A
(to be tested)
COUPLING
NETWORK(1)
V24/TTL
INTERFACE
78
78
14
2
DATA_OUT
DATA_IN
RX_IN
out
TDA5051A
SPECTRUM
ANALYZER
50
Ω
WHITE
NOISE
GENERATOR
10
12,
5,
9
12,
5,
9
1
OSC1
OSC2
OSC1
OSC2
TX_OUT
in
AGND, DGND, APGND
AGND, DGND, APGND
V24 SERIAL DATA
ANALYZER
PARAMETERS
600 BAUD
PSEUDO RANDOM SEQUENCE:
29
−1 BITS LONG
DATA_IN
DATA_OUT
RXD
TXD
XTAL = 8.48 MHz
out
in
out
COUPLING
NETWORK(1)
+
+


Similar Part No. - TDA5051A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
TDA5051AT PHILIPS-TDA5051AT Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
TDA5051AT NXP-TDA5051AT Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
More results

Similar Description - TDA5051A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051 PHILIPS-TDA5051 Datasheet
147Kb / 28P
   Home automation modem
1997 Sep 19
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
logo
Silicon Laboratories
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
logo
OmniVision Technologies...
OV798 OMNIVISION-OV798 Datasheet
707Kb / 2P
   Battery Home Automation Cameras
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com