Selected language     English  ▼


TDA5051AT Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. TDA5051AT
Description  Home automation modem
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 9 page
background image
TDA5051A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 January 2011
9 of 29
NXP Semiconductors
TDA5051A
Home automation modem
[1]
The value of the total transmission mode current is the sum of IDD(RX/TX)(tot) + IDD(PAMP).
[2]
Frequency range corresponding to the EN50065-1 band. However, the modem can operate at any lower oscillator frequency.
[3]
The minimum value can be improved by using an external amplifier; see application diagrams Figure 19 and Figure 20.
Reception mode
Vi(rms)
analog input signal
(RMS value)
[3] 82
-
122
dB
μV
VI
DC level at pin RX_IN
-
2.5
-
V
Zi
RX_IN input impedance
-
50
-
k
Ω
RAGC
AGC range
-
36
-
dB
tc(AGC)
AGC time constant
fosc = 8.48 MHz;
see Figure 5
-
296
-
μs
td(dem)(su)
demodulation delay
set-up time
fosc = 8.48 MHz;
see Figure 21
-
350
400
μs
td(dem)(h)
demodulation delay
hold time
fosc = 8.48 MHz;
see Figure 21
-
420
470
μs
Bdet
detection bandwidth
fosc = 8.48 MHz
-3
-kHz
BER
bit error rate
fosc = 8.48 MHz;
600 baud;
S/N = 35 dB;
signal 76 dB
μV;
see Figure 23
-1
-1
× 10−4
Power-up timing
td(pu)(TX)
delay between power-up
and DATA_IN in
transmission mode
XTAL = 8.48 MHz;
C1 = C2 = 27 pF;
Rp =2.2 MΩ;
see Figure 10
-1
-
μs
td(pu)(RX)
delay between power-up
and DATA_OUT in
reception mode
XTAL = 8.48 MHz;
C1 = C2 = 27 pF;
Rp =2.2 MΩ;
fRXIN = 132.5 kHz;
120 dB
μV sine wave;
see Figure 11
-1
-
μs
Power-down timing
td(pd)(TX)
delay between PD = 0 and
DATA_IN in transmission
mode
fosc = 8.48 MHz;
see Figure 12
-10
-
μs
td(pd)(RX)
delay between PD = 0 and
DATA_OUT in reception
mode
fosc = 8.48 MHz;
fRXIN = 132.5 kHz;
120 dB
μV sine wave;
see Figure 13
-
500
-
μs
tactive(min)
minimum active time with
T = 10 ms power-down
period in reception mode
fosc = 8.48 MHz;
fRXIN = 132.5 kHz;
120 dB
μV sine wave;
see Figure 14
-1
-
μs
Table 5.
Characteristics …continued
VDDD =VDDA =5V ± 5%; Tamb = 40 °C to +85 °C; VDDD connected to VDDA; DGND connected to AGND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl