Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR1806_MDS Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR1806_MDS
Description  SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR1806_MDS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR1806_MDS Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 1
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION
No.
Construction
Element(subpart)
Homogeneous
Material
Material
weight [mg]
Homogeneous Material\
Substances
CASRN
if applicable
Materials
Mass %
Material
Mass % of
total unit wt.
Subpart mass of
total wt. (%)
Iron oxide (Fe2O3)
1309-37-1
60
34.92
Nickel oxide (NiO)
1313-99-1
10
5.82
Zinc oxide (ZnO)
1314-13-2
20
11.64
1
Ferrite Material
F4D
2300
Copper oxide(CuO)
1317-38-0
10
5.82
58.2
Copper (Cu)
7440-50-8
95
28.6
2
Winding Wire
2SFBW
1190
Polyester Resin
N/A
5
1.5
30.1
Tin (Sn)
7440-31-5
96.5
0.482
Silver (Ag)
7440-22-4
3
0.015
3
Solder
Lead free-solder
20
Copper (Cu)
7440-50-8
0.5
0.003
0.5
4
BASE
LCP-E4008
370
Aromatic polyester resin
6088-52-0
100
9.4
9.4
Copper (Cu)
7440-50-8
92.65
0.741
Tin (Sn)
744031-5
7
0.056
5
Terminal Electrode
C5191
30
Phosphorus (P)
7723-14-0
0.35
0.003
0.8
Bisphenol A Epoxy Resin
25068-38-6
63
0.63
Alkyl glycidyl ether
68609-97-2
3
0.03
Methyl imidazole
693-98-1
5
0.05
Carbon black
1333-86-4
3
0.03
6
Adhesive
6020H-6-3
40
Silicon dioxide
7631-86-9
26
0.26
1
Total weight
3950
This Document was updated on: 11-1-2010
Important remarks:
1.
It is the responsibility of the user to verify they are accessing the latest version
Material Number
SDR1806-series
Product Line
SMD POWER INDUCTOR
Compliance Date
2009.06.02
RoHS Compliant
YES
MSL
1


Similar Part No. - SDR1806_MDS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1806-100ML BOURNS-SDR1806-100ML Datasheet
185Kb / 2P
   SMD Power Inductors
SDR1806-100ML BOURNS-SDR1806-100ML Datasheet
135Kb / 2P
   SMD Power Inductors
SDR1806-101KL BOURNS-SDR1806-101KL Datasheet
185Kb / 2P
   SMD Power Inductors
SDR1806-101KL BOURNS-SDR1806-101KL Datasheet
135Kb / 2P
   SMD Power Inductors
SDR1806-102KL BOURNS-SDR1806-102KL Datasheet
185Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR1806_MDS

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com