Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT8302T56F Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AMT8302T56F
Description  2.125Gb/s Integrated 850nm MSM-TIA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8302T56F Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AMT8302T56F Datasheet HTML 1Page - ANADIGICS, Inc AMT8302T56F Datasheet HTML 2Page - ANADIGICS, Inc AMT8302T56F Datasheet HTML 3Page - ANADIGICS, Inc AMT8302T56F Datasheet HTML 4Page - ANADIGICS, Inc AMT8302T56F Datasheet HTML 5Page - ANADIGICS, Inc AMT8302T56F Datasheet HTML 6Page - ANADIGICS, Inc AMT8302T56F Datasheet HTML 7Page - ANADIGICS, Inc AMT8302T56F Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
AMT8302
Preliminary Data Sheet - Revision 0
03/01
VOUT
VOUT
DUT
0.1 uF
0.1uF
0.1uF
V
DD
Figure 12: DUT Test Fixture Schematic
Figure 13: Application Schematic
C
F is an optional single pole noise filter
f
c is the desired cutoff frequency
R = 50 W
R
O is required with high input resistance limiting amplifiers
R
O = 100 W
fcR
CF
π
=
2
1
LIMITING
AMPLIFIER
Charge
Pump
AGC
OUT
OUT
V DD
3
1
4
2
0.1uF
0.1uF
C
F
R
O
0.1uF
7.5 GHz
OSC


Similar Part No. - AMT8302T56F

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8301T46F ANADIGICS-AMT8301T46F Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8301T46L ANADIGICS-AMT8301T46L Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT8304T46F ANADIGICS-AMT8304T46F Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
More results

Similar Description - AMT8302T56F

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
   1.25 Gb/s Integrated 850nm MSM-TIA
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
MCD-8T4C-323 UOT-MCD-8T4C-323 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
   10Gb/s Differential TIA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com