Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1816 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SD1816
Description  Bipolar Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1816 Datasheet(HTML) 3 Page - ON Semiconductor

  2SD1816 Datasheet HTML 1Page - ON Semiconductor 2SD1816 Datasheet HTML 2Page - ON Semiconductor 2SD1816 Datasheet HTML 3Page - ON Semiconductor 2SD1816 Datasheet HTML 4Page - ON Semiconductor 2SD1816 Datasheet HTML 5Page - ON Semiconductor 2SD1816 Datasheet HTML 6Page - ON Semiconductor 2SD1816 Datasheet HTML 7Page - ON Semiconductor 2SD1816 Datasheet HTML 8Page - ON Semiconductor 2SD1816 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SB1216 / 2SD1816
No.2540-3/9
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
5
4
3
2
1
12
4
35
0
0
ITR09251
2SD1816
90mA
80mA
70mA
60mA
50mA
40mA
--5
--4
--3
--2
--1
0
0
--1
--2
--4
--3
--5
ITR09250
2SB1216
IB=0
--2mA
--10mA
--40mA
--30mA
--20mA
--5mA
IB=0
2mA
5mA
10mA
20mA
30mA
100mA
From top
--100mA
--90mA
--80mA
--70mA
--60mA
--50mA
2SD1816
VCE=5V
100
--0.01
1000
5
7
3
2
5
7
10
3
2
5
7
5
--0.1
23
5
2
3
5
--1.0
23
5
--10
2SB1216
VCE= --5V
ITR09256
Ta=75°C
25°C
--25°C
100
0.01
1000
5
10
3
2
7
5
3
2
7
7
5
5
0.1
10
23
5
2
3
5
23
5
1.0
ITR09257
Ta=75
°C
25
°C
--25
°C
2.0
1.6
1.2
0.8
0.4
10
20
40
30
50
0
0
ITR09253
2SD1816
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
--10
--20
--40
--30
--50
ITR09252
2SB1216
IB=0
--1mA
--3mA
--8mA
--9mA
--10mA
--7mA
--6mA
--5mA
--4mA
--2mA
IB=0
1mA
2mA
3mA
4mA
5mA
6mA
7mA
8mA
--5
--4
--3
--2
--1
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
ITR09254
2SB1216
VCE= --5V
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
ITR09255
2SD1816
VCE=5V


Similar Part No. - 2SD1816

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1816 SANYO-2SD1816 Datasheet
126Kb / 4P
   High-Current Switching Applications
logo
Unisonic Technologies
2SD1816 UTC-2SD1816 Datasheet
219Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATIONS
logo
Sanyo Semicon Device
2SD1816 SANYO-2SD1816 Datasheet
154Kb / 5P
   High-Current Switching Applications
logo
Unisonic Technologies
2SD1816 UTC-2SD1816 Datasheet
243Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATION
logo
ON Semiconductor
2SD1816 ONSEMI-2SD1816 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SD1816

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com