Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67146420 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 67146420
Description  PULSE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

67146420 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  67146420 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. TEMPERATURE CLASS: 105° C
2. INDUCTANCE: (1 - 3) @ 10 KHZ, 0.1 V > 225 µHY
3. LEAKAGE INDUCTANCE: (1 - 3) @ 100 KHZ,
(4 - 6) SHORTED < 0.4 µHY
4. INTERWINDING CAPACITANCE: (1 - 3) TO
(4 - 6) @ 100 KHZ < 15 pf
5. TURNS RATIO: (1 - 3) : (6 - 4)
= 1:3 ± 2 %
6. DCR: (1 - 3) = 0.12 OHMS NOM.
(4 - 6) = 0.36 OHMS NOM.
7. HIPOT 1500 VAC
8. THIS TRANSFORMER IS DESIGNED TO OPERATE WITH
CRYSTAL SEMICONDUCTOR CS8401.8402,8411 & 8412.
4
6
1
3
PULSE TRANSFORMER ; 1:1
°
.005
.010
ANGLE
3 PLACE
2 PLACE
24393
C
1 END
PAGE
REV
PARTNUMBER
±
TITLE
SPECIFICATIONS
AGENCY APPROVAL:
N/A
±
±
TOLERANCES
UNLESS OTHERWISE NOTED
4
1
.125 (6X)
.020 SQ
(6X)
.100
.250 MAX
.200
.385 MAX
.400
.650
MAX
3
6
LABEL WITH
DOT FOR PIN 1
1000 PARKERS LAKE ROAD
WAYZATA. MN 55391
(952) 475-1173


Similar Part No. - 67146420

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6714 POMONA-6714 Datasheet
15Kb / 1P
   BNC Male to F Type Female Adapter
logo
List of Unclassifed Man...
6714 ETC2-6714 Datasheet
69Kb / 2P
   0.0095 Wall, Nom. Modified Polyphenilether
logo
Alpha Wire
6714 ALPHAWIRE-6714 Datasheet
70Kb / 3P
   Customer Specification
6714 ALPHAWIRE-6714 Datasheet
98Kb / 4P
   Customer Specification
10/28/2022
6714 ALPHAWIRE-6714 Datasheet
98Kb / 4P
   Customer Specification
2/21/2023
More results

Similar Description - 67146420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
   PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
   PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
   PULSE TRANSFORMER
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
   Pulse Transformer
logo
Rhombus Industries Inc.
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
   Pulse Transformer
logo
List of Unclassifed Man...
G517 ETC-G517 Datasheet
99Kb / 1P
   PULSE TRANSFORMER
logo
Rhombus Industries Inc.
T-821 RHOMBUS-IND-T-821 Datasheet
34Kb / 1P
   Pulse Transformer
logo
MPS Industries, Inc.
R12704 MPSIND-R12704 Datasheet
267Kb / 1P
   PULSE TRANSFORMER
logo
PCA ELECTRONICS INC.
EP18272GH PCA-EP18272GH_15 Datasheet
16Kb / 1P
   Pulse Transformer
logo
SCHOTT CORPORATION
22100 SCHOTT-22100 Datasheet
18Kb / 1P
   PULSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com