Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS2003M-TL-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS2003M-TL-E
Description  Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS2003M-TL-E Datasheet(HTML) 3 Page - ON Semiconductor

  SS2003M-TL-E Datasheet HTML 1Page - ON Semiconductor SS2003M-TL-E Datasheet HTML 2Page - ON Semiconductor SS2003M-TL-E Datasheet HTML 3Page - ON Semiconductor SS2003M-TL-E Datasheet HTML 4Page - ON Semiconductor SS2003M-TL-E Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS2003M
No.8345-3/5
0
0.10
IT08573
IF -- VF
10
0
35
IT08574
IR -- VR
0.01
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
0.20
0.30
0.40
0.50
0.05
0.15
0.25
0.35
0.45
0.0001
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
0.001
0.01
0.1
1.0
2
3
5
7
10
2
3
5
7
100
20
15
525
30
Ta=125°
C
100°C
75°C
50°C
25°C
--25°C
0.1
1.0
10
100
2
2
3
5
7
3
5
7
23
5
7
23
23
57
5
C -- VR
0
0
1.2
1.0
0.8
0.6
0.4
0.2
1.0
2.5
2.0
0.5
1.5
PF(AV) -- IO
IT08575
IT08576
(1)
(2)(4)(3)
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
180
°
360
°
θ
360
°
Sine wave
Rectangular
wave
Average Forward Current, IO -- A
Reverse Voltage, VR -- V
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
12
14
8
4
10
6
2
ID00435
IFSM -- t
IS
20ms
t
Current waveform 50Hz sine wave
Time, t -- s


Similar Part No. - SS2003M-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
More results

Similar Description - SS2003M-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS2003M-TL-W ONSEMI-SS2003M-TL-W Datasheet
188Kb / 5P
   Schottky Barrier Diode 30V, 2.0A, Low VF, Single MCPH6
May, 2013
logo
Sanyo Semicon Device
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
   Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Zibo Seno Electronic En...
SR230L ZSELEC-SR230L Datasheet
164Kb / 2P
   2.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
SBE811 SANYO-SBE811 Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Diodes Incorporated
DFLS240L DIODES-DFLS240L_09 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com