Electronic Components Datasheet Search |
|
T356E105K035AS Datasheet(PDF) 9 Page - Kemet Corporation |
|
T356E105K035AS Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 13 page KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 69 TANTALUM DIPPED / 3 LEADED T396 & T398 SERIES “ULTRADIP III” KEMET UltraDip III Capacitors offer the advantages of solid tanta- lum construction and a “fail-safe” insertion mechanism. The three- leaded design (the anode is in the center) enables operators to insert the capacitors into printed circuit boards correctly without hav- ing to visually determine polarity. This timesaving device also elimi- nates board damage that may result from incorrect insertion. The UltraDip III Series features a capacitance range of 0.1 to 680 µF at 3 to 50 VDC. These miniature dipped solid tantalum capacitors are encased in a tough plastic barrier coating that maintains the pre- cise lead wire spacing within ±0.015 inch. The gold color epoxy per- mits laser markings with outstanding permanency and legibility. All case sizes are printed with capacitance, voltage and vendor I.D. The UltraDip III Series from KEMET Capacitors exhibit low DCL, ESR and Impedance and have excellent temperature stability. These capacitors may be ordered with precut leads (see drawing for lengths) or in KEMET Capacitor ARIS packaging (leads taped and on reels) for high speed automatic insertion equipment. CAPACITOR OUTLINE DRAWING Both T396 T398 Series Case W T H* H* Size Width Thickness Height Height T396/T398 A .280 (7.1) .190 (4.8) .310 (7.9) .355 (9.0) T396/T398 B .280 (7.1) .190 (4.8) .320 (8.1) .365 (9.3) T396/T398 C .280 (7.1) .200 (5.1) .360 (9.1) .390 (9.9) T396/T398 D .280 (7.1) .200 (5.1) .370 (9.4) .390 (9.9) T396/T398 E .280 (7.1) .230 (5.8) .380 (9.7) .415 (10.5) T396/T398 F .280 (7.1) .240 (6.1) .410 (10.4) .430 (10.9) T396/T398 G .280 (7.1) .250 (6.3) .420 (10.7) .440 (11.2) T396/T398 H .280 (7.1) .270 (6.9) .420 (10.7) .440 (11.2) T396/T398 J .300 (7.6) .300 (7.6) .460 (11.7) .480 (12.2) T396/T398 K .340 (8.6) .340 (8.6) .500 (12.7) .500 (12.7) T396/T398 L .340 (8.6) .340 (8.6) .560 (14.2) .580 (14.7) T396/T398 M .360 (9.1) .360 (9.1) .620 (15.7) .620 (15.7) DIMENSIONS—INCHES & (MILLIMETERS) *NOTE: “H” dimensions are from seating plane to top of capacitor. ORDERING INFORMATION T 39X A 105 M 035 A S TANTALUM SERIES T396 Straight leads T398 Standoff leads CASE SIZE A, B, C, D, E, F, G, H, J, K, L & M PICOFARAD CODE First two digits are significant figures. Third figure is the number of zeros following. LEAD MATERIAL S — Sn/Pb (tin/lead) FAILURE RATE LEVEL A — Not Applicable VOLTAGE RATING For 6.3 Volts use 006 CAPACITANCE TOLERANCE M — ±20% (K — 10% Special Order Only) .187 ±.032 (4.75 ±.81) .10 ±.008 (2.54±.20) W MAX. T MAX. T398 H MAX. .20 ±.015 (5.08±.38) .187 ±.05 (4.75 ±1.27) .10 ±.008 (2.54±.20) W MAX. T MAX. T396 H MAX. .02 ±.002 (.5 ±.05) .20 ±.015 (5.08±.38) - + - .02 ±.002 (.5 ±.05) Date Code Capacitance (pF code) KEMET Trademark Voltage Rating CAPACITOR MARKING Effective June 30, 2005 the T396 and T398 Series are RoHS Compliant. T– 100% Sn (tin) |
Similar Part No. - T356E105K035AS |
|
Similar Description - T356E105K035AS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |