Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T353A105J035AS Datasheet(PDF) 1 Page - Kemet Corporation

Part # T353A105J035AS
Description  TANTALUM DIPPED / RADIAL ??POLAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T353A105J035AS Datasheet(HTML) 1 Page - Kemet Corporation

  T353A105J035AS Datasheet HTML 1Page - Kemet Corporation T353A105J035AS Datasheet HTML 2Page - Kemet Corporation T353A105J035AS Datasheet HTML 3Page - Kemet Corporation T353A105J035AS Datasheet HTML 4Page - Kemet Corporation T353A105J035AS Datasheet HTML 5Page - Kemet Corporation T353A105J035AS Datasheet HTML 6Page - Kemet Corporation T353A105J035AS Datasheet HTML 7Page - Kemet Corporation T353A105J035AS Datasheet HTML 8Page - Kemet Corporation T353A105J035AS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TANTALUM DIPPED / RADIAL — POLAR
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
61
• CAPACITANCE/VOLTAGE RANGE:
T35X/T39X: 0.1-680µF, 3-50 Volts.
T36X: 0.1-330µF, 6-50 Volts.
• CAPACITANCE TOLERANCE: Available in stan-
dard EIA nominal values with ±20% and ±10%
standard.
• DISSIPATION FACTOR: Maximum DF limits are
shown in corresponding series part number list-
ings. See Application Notes Section, page 76 for
additional information.
• DC LEAKAGE CURRENT: Maximum leakage val-
ues at 25° are shown in part number listings,
pages 63-65, 67, 68 and 70. See Application
Notes Section, pages 76 & 77 for additional infor-
mation.
• RATED VOLTAGE; WORKING VOLTAGE; SURGE
VOLTAGE; REVERSE VOLTAGE: See Application
Notes Section, pages 76 & 77 for description.
• IMPEDANCE and ESR: See Application Notes
Section, page 77 & 78 for description. Reference
ESR values are shown in table below.
• AC RIPPLE VOLTAGE: Permissible AC ripple volt-
age is related to equivalent series resistance
(ESR) and power dissipation capability. Maximum
power dissipation for each case size is listed in
Table below. For additional description see page
78.
• ENVIRONMENTAL CONSIDERATIONS:
A. Shock Test: MIL-STD-202, Method 213.
B. Thermal Shock, MIL-STD-202, Method 107,
Condition A.
C. Moisture Resistance: MIL-STD-202,
Method 106.
D. Solderability: MIL-STD-202, Method 208.
For additional Environmental Test Information
see pages 80, 81 and 82.
• LEAD MATERIAL: Effective June 30, 2005 the
T35x, T368 and T39x Series will be available, as an
PERFORMANCE CHARACTERISTICS
Case
Power Dissipation
Size
(max.) @ 25°C (watts)
T35X, A
.040
T39X B
.050
C
.060
D
.065
E
.070
F
.080
G
.090
H
.100
J.110
K
.120
L
.130
M
.140
T36X A
.050
B
.075
C
.090
D
.135
Maximum Power Dissipation Capability @ 25°C
Commercial T35X/T36X/T39X ESR (OHMS) at 100 kHz @ +25
°C
(The ESR values provided below are for reference only. No warranty, as
stated on page 3 and reincorporated here, is made as to the accuracy
of these values for any particular T35X, T36X, T39X Series product.)
0.10
0.15
0.22
0.33
0.47
0.68
1.00
1.50
2.20
3.30
4.70
6.80
10.0
15.0
22.0
33.0
47.0
68.0
100.0
150.0
220.0
330.0
13.0
10.0
8.0
6.0
5.0
3.7
3.0
2.0
1.8
1.6
0.9
0.9
0.7
13.0
10.0
8.0
6.0
5.0
3.7
2.7
2.1
1.7
1.3
1.0
0.8
0.6
10.0
8.0
6.0
5.0
4.0
3.2
2.5
2.0
1.6
1.3
1.0
0.8
0.6
10.0
9.0
7.0
5.5
4.5
3.6
2.9
2.3
1.8
1.4
1.2
0.9
0.6
10.0
8.0
6.0
5.0
4.0
3.1
2.5
2.0
1.5
1.2
1.0
0.8
26.0
21.0
17.0
15.0
13.0
10.0
8.0
6.0
5.0
4.0
3.0
2.5
2.0
1.6
1.3
1.0
0.8
26.0
21.0
17.0
15.0
13.0
10.0
8.0
5.0
3.5
3.0
2.5
2.0
1.6
1.2
1.0
Cap.
µF
6
Volt
10
Volt
16
Volt
20
Volt
25
Volt
35
Volt
50
Volt
LEAD TAPE AND REEL: Reeling per specification
RS-468. See pages 72 - 74 for additional information.
option, with 100% Matte Tin (RoHS compliant) lead wire
or Sn/Pb lead wire. Please see page 63 for part number
ordering information. The T363 and T369 lead mater-
ial will remain Sn/Pb solder coated steel core with a
copper ply per MIL-STD-127 and at this time will not
be available with a 100% Sn option.


Similar Part No. - T353A105J035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T353A105J035AS KEMET-T353A105J035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T353A105J035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AS KEMET-T350A105M035AS Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T350A105M035AT KEMET-T350A105M035AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com