Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T368D105J035AS Datasheet(PDF) 7 Page - Kemet Corporation

Part # T368D105J035AS
Description  TANTALUM DIPPED / RADIAL ??POLAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T368D105J035AS Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T368D105J035AS Datasheet HTML 3Page - Kemet Corporation T368D105J035AS Datasheet HTML 4Page - Kemet Corporation T368D105J035AS Datasheet HTML 5Page - Kemet Corporation T368D105J035AS Datasheet HTML 6Page - Kemet Corporation T368D105J035AS Datasheet HTML 7Page - Kemet Corporation T368D105J035AS Datasheet HTML 8Page - Kemet Corporation T368D105J035AS Datasheet HTML 9Page - Kemet Corporation T368D105J035AS Datasheet HTML 10Page - Kemet Corporation T368D105J035AS Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MAX.
DISSIPATION
CXO2
CX12
CAPACITANCE
T363, T369
D.C.
FACTOR
(T363)
(T369)
CAPACITANCE
CASE
TOLERANCE
KEMET
LEAKAGE
%@25°C,
MILITARY
MILITARY
µF
SIZE
±%
PART NUMBER
µA@25°C
120Hz
PART NUMBER
PART NUMBER
6 VOLT RATING AT 85°C
6.8
A
10, 20
T36(1)A685(2)006AS
0.5
6
CX02D685(2)
CX12D685(2)
47.0
B
10, 20
T36(1)B476(2)006AS
2.3
6
CX02D476(2)
CX12D476(2)
68.0
B
10, 20
T36(1)B686(2)006AS
3.3
6
CX02D686(2)
CX12D686(2)
150.0
C
10, 20
T363C157(2)006AS
7.2
8
CX02D157(2)
330.0
D
10, 20
T363D337(2)006AS
10.0
8
CX02D337(2)
10 VOLT RATING AT 85°C
4.7
A
10, 20
T36(1)A475(2)010AS
0.5
5
CX02F475(2)
CX12F475(2)
33.0
B
10, 20
T36(1)B336(2)010AS
2.6
6
CX02F336(2)
CX12F336(2)
100.0
C
10, 20
T363C107(2)010AS
8.0
8
CX02F107(2)
220.0
D
10, 20
T363D227(2)010AS
10.0
8
CX02F227(2)
15 VOLT RATING AT 85°C
3.3
A
10, 20
T36(1)A335(2)015AS
0.5
5
CX02H335(2)
CX12H335(2)
22.0
B
10, 20
T36(1)B226(2)015AS
2.6
6
CX02H226(2)
CX12H226(2)
68.0
C
10, 20
T363C686(2)015AS
8.2
6
CX02H686(2)
150.0
D
10, 20
T363D157(2)015AS
10.0
8
CX02H157(2)
20 VOLT RATING AT 85°C
2.2
A
10, 20
T36(1)A225(2)020AS
0.5
5
CX02J225(2)
CX12J225(2)
15.0
B
10, 20
T36(1)B156(2)020AS
2.4
6
CX02J156(2)
CX12J156(2)
47.0
C
10, 20
T363C476(2)020AS
7.5
6
CX02J476(2)
100.0
D
10, 20
T363D107(2)020AS
10.0
8
CX02J107(2)
25 VOLT RATING AT 85°C
1.5
A
10, 20
T36(1)A155(2)025AS
0.5
5
CX02K155(2)
CX12K155(2)
10.0
B
10, 20
T36(1)B106(2)025AS
2.0
6
CX02K106(2)
CX12K106(2)
33.0
C
10, 20
T363C336(2)025AS
6.6
6
CX02K336(2)
68.0
D
10, 20
T363D686(2)025AS
10.0
6
CX02K686(2)
35 VOLT RATING AT 85°C
6.8
B
10, 20
T36(1)B685(2)035AS
1.9
5
CX02M685(2)
CX12M685(2)
22.0
C
10, 20
T363C226(2)035AS
6.2
6
CX02M226(2)
33.0
D
10, 20
T363D336(2)035AS
9.2
6
CX02M336(2)
47.0
D
10, 20
T363D476(2)035AS
10.0
6
CX02M476(2)
50 VOLT RATING AT 85°C
0.1
A
10, 20
T36(1)A104(2)050AS
0.5
3
CX02N104(2)
CX12N104(2)
0.15
A
10, 20
T36(1)A154(2)050AS
0.5
3
CX02N154(2)
CX12N154(2)
0.22
A
10, 20
T36(1)A224(2)050AS
0.5
3
CX02N224(2)
CX12N224(2)
0.33
A
10, 20
T36(1)A334(2)050AS
0.5
3
CX02N334(2)
CX12N334(2)
0.47
A
10, 20
T36(1)A474(2)050AS
0.5
3
CX02N474(2)
CX12N474(2)
0.68
A
10, 20
T36(1)A684(2)050AS
0.5
3
CX02N684(2)
CX12N684(2)
1.0
A
10, 20
T36(1)A105(2)050AS
0.5
3
CX02N105(2)
CX12N105(2)
1.5
B
10, 20
T36(1)B155(2)050AS
0.6
5
CX02N155(2)
CX12N155(2)
2.2
B
10, 20
T36(1)B225(2)050AS
0.9
5
CX02N225(2)
CX12N225(2)
3.3
B
10, 20
T36(1)B335(2)050AS
1.3
5
CX02N335(2)
CX12N335(2)
4.7
B
10, 20
T36(1)B475(2)050AS
1.9
5
CX02N475(2)
CX12N475(2)
6.8
C
10, 20
T363C685(2)050AS
2.7
5
CX02N685(2)
10.0
C
10, 20
T363C106(2)050AS
4.0
6
CX02N106(2)
15.0
C
10, 20
T363C156(2)050AS
6.0
6
CX02N156(2)
22.0
D
10, 20
T363D226(2)050AS
8.8
6
CX02N226(2)
TANTALUM DIPPED / RADIAL — MIL-PRF-49137/2
T363 (CX02), T369 (CX12) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
67
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET part number, insert Series Designation as follows: 3 - T363 (CX02); 9 - T369 (CX12)
(2) To complete KEMET or military part number, insert Capacitance Tolerance Symbol as follows:
M - ±20%, K - ±10%


Similar Part No. - T368D105J035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T368D105J035AS KEMET-T368D105J035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T368D105J035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AS KEMET-T350A105M035AS Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T350A105M035AT KEMET-T350A105M035AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com