Electronic Components Datasheet Search |
|
T368E105J035AS Datasheet(PDF) 8 Page - Kemet Corporation |
|
T368E105J035AS Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 13 page MAX. DISSI- PATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 6 VOLT RATING AT 85°C 82.0 C T368C826(1)006A(2) 3.9 8 100.0 C T368C107(1)006A(2) 4.8 8 120.0 C T368C127(1)006A(2) 5.8 8 150.0 C T368C157(1)006A(2) 7.2 8 180.0 D T368D187(1)006A(2) 8.6 8 220.0 D T368D227(1)006A(2) 10.0 8 270.0 D T368D277(1)006A(2) 10.0 8 330.0 D T368D337(1)006A(2) 10.0 8 10 VOLT RATING AT 85°C 47.0 C T368C476(1)010A(2) 3.8 6 56.0 C T368C566(1)010A(2) 4.4 6 68.0 C T368C686(1)010A(2) 5.4 6 82.0 C T368C826(1)010A(2) 6.5 8 100.0 C T368C107(1)010A(2) 8.0 8 120.0 D T368D127(1)010A(2) 9.6 8 150.0 D T368D157(1)010A(2) 10.0 8 180.0 D T368D187(1)010A(2) 10.0 8 220.0 D T368D227(1)010A(2) 10.0 8 15 VOLT RATING AT 85°C 27.0 C T368C276(1)015A(2) 3.2 6 33.0 C T368C336(1)015A(2) 4.0 6 39.0 C T368C396(1)015A(2) 4.7 6 47.0 C T368C476(1)015A(2) 5.6 6 56.0 C T368C566(1)015A(2) 6.8 6 68.0 C T368C686(1)015A(2) 8.2 6 82.0 D T368D826(1)015A(2) 9.8 8 100.0 D T368D107(1)015A(2) 10.0 8 120.0 D T368D127(1)015A(2) 10.0 8 150.0 D T368D157(1)015A(2) 10.0 8 20 VOLT RATING AT 85°C 18.0 C T368C186(1)020A(2) 2.8 6 22.0 C T368C226(1)020A(2) 3.5 6 27.0 C T368C276(1)020A(2) 4.3 6 33.0 C T368C336(1)020A(2) 5.3 6 39.0 C T368C396(1)020A(2) 6.2 6 47.0 C T368C476(1)020A(2) 7.5 6 56.0 D T368D566(1)020A(2) 8.9 6 68.0 D T368D686(1)020A(2) 10.0 6 82.0 D T368D826(1)020A(2) 10.0 8 100.0 D T368D107(1)020A(2) 10.0 8 MAX. DISSI- PATION CAPAC- D.C. FACTOR ITANCE CASE LEAKAGE %@25°C, µF SIZE KEMET PART NUMBER µA@25°C 120Hz 25 VOLT RATING AT 85°C 12.0 C T368C126(1)025A(2) 2.4 6 15.0 C T368C156(1)025A(2) 3.0 6 18.0 C T368C186(1)025A(2) 3.6 6 22.0 C T368C226(1)025A(2) 4.4 6 27.0 C T368C276(1)025A(2) 5.4 6 33.0 C T368C336(1)025A(2) 6.6 6 39.0 D T368D396(1)025A(2) 7.8 6 47.0 D T368D476(1)025A(2) 9.4 6 56.0 D T368D566(1)025A(2) 10.0 6 68.0 D T368D686(1)025A(2) 10.0 6 35 VOLT RATING AT 85°C 8.2 C T368C825(1)035A(2) 2.3 6 10.0 C T368C106(1)035A(2) 2.8 6 12.0 C T368C126(1)035A(2) 3.3 6 15.0 C T368C156(1)035A(2) 4.2 6 18.0 C T368C186(1)035A(2) 5.0 6 22.0 C T368C226(1)035A(2) 6.2 6 27.0 D T368D276(1)035A(2) 7.5 6 33.0 D T368D336(1)035A(2) 9.2 6 39.0 D T368D396(1)035A(2) 10.0 6 47.0 D T368D476(1)035A(2) 10.0 6 50 VOLT RATING AT 85°C 5.6 C T368C565(1)050A(2) 2.2 5 6.8 C T368C685(1)050A(2) 2.7 5 8.2 C T368C825(1)050A(2) 3.2 6 10.0 C T368C106(1)050A(2) 4.0 6 12.0 C T368C126(1)050A(2) 4.8 6 15.0 C T368C156(1)050A(2) 6.0 6 18.0 D T368D186(1)050A(2) 7.2 6 22.0 D T368D226(1)050A(2) 8.8 6 TANTALUM DIPPED / RADIAL T368 SERIES “ULTRADIP II” 68 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 T368 RATINGS AND PART NUMBER REFERENCE T368 CAPACITOR OUTLINE DRAWING T368 DIMENSIONS — INCHES + (MILLIMETERS) CASE SIZE TMAX WMAX HMAX 0.250 0.40 0.42 C (6.35) (10.16) (10.67) 0.250 0.460 0.52 D (6.35) (11.68) (13.20) (1) To complete KEMET part number, insert capacitance tolerance K– ±10%, M– ±20%, or J– ±5% (Available on special order). .187 ±.032 (4.75 ±.81) H .025 ±.002 (.64 ±.05) .250 ±.015 (6.35 ±.38) .100 MAX. (2.54) W MAX. T MAX. C & D CASES * For Ordering and Marking Information refer to page 63. (2) To complete KEMET part number, insert lead material designation: S = SnPb (tin/lead) Effective June 30, 2005 T368 Series is RoHS Compliant. and T = 100% Sn (tin). |
Similar Part No. - T368E105J035AS |
|
Similar Description - T368E105J035AS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |