Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV640DH90RWHE Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29LV640DH90RWHE
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640DH90RWHE Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV640DH90RWHE Datasheet HTML 6Page - Advanced Micro Devices AM29LV640DH90RWHE Datasheet HTML 7Page - Advanced Micro Devices AM29LV640DH90RWHE Datasheet HTML 8Page - Advanced Micro Devices AM29LV640DH90RWHE Datasheet HTML 9Page - Advanced Micro Devices AM29LV640DH90RWHE Datasheet HTML 10Page - Advanced Micro Devices AM29LV640DH90RWHE Datasheet HTML 11Page - Advanced Micro Devices AM29LV640DH90RWHE Datasheet HTML 12Page - Advanced Micro Devices AM29LV640DH90RWHE Datasheet HTML 13Page - Advanced Micro Devices AM29LV640DH90RWHE Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
September 20, 2002
Am29LV640D/Am29LV641D
9
PIN DESCRIPTION
A0–A21
= 22 Addresses inputs
DQ0–DQ15 = 16 Data inputs/outputs
CE#
= Chip Enable input
OE#
= Output Enable input
WE#
= Write Enable input
WP#
= Hardware Write Protect input (N/A on
FBGA)
ACC
= Acceleration Input
RESET#
= Hardware Reset Pin input
RY/BY#
= Ready/Busy output (FBGA only)
V
CC
= 3.0 volt-only single power supply
(see Product Selector Guide for
speed options and voltage
supply tolerances)
V
IO
= Output Buffer power
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
Note: WP# is not available on the FBGA package. RY/BY#
is not available on the TSOP and SSOP packages.
22
16
DQ0–DQ15
A0–A21
CE#
OE#
WE#
RESET#
RY/BY#
ACC
WP#
V
IO


Similar Part No. - AM29LV640DH90RWHE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV640DH90RZF AMD-AM29LV640DH90RZF Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV640DH90RZI AMD-AM29LV640DH90RZI Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
More results

Similar Description - AM29LV640DH90RWHE

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV641G SPANSION-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV641G AMD-AM29LV641G Datasheet
1Mb / 55P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640D AMD-AM29LV640D_07 Datasheet
1Mb / 57P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
AM29LV642D AMD-AM29LV642D Datasheet
986Kb / 53P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV642D AMD-AM29LV642D_06 Datasheet
1Mb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com