Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5R1DR Datasheet(PDF) 6 Page - Texas Instruments

Part # TB5R1DR
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5R1DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TB5R1DR Datasheet HTML 2Page - Texas Instruments TB5R1DR Datasheet HTML 3Page - Texas Instruments TB5R1DR Datasheet HTML 4Page - Texas Instruments TB5R1DR Datasheet HTML 5Page - Texas Instruments TB5R1DR Datasheet HTML 6Page - Texas Instruments TB5R1DR Datasheet HTML 7Page - Texas Instruments TB5R1DR Datasheet HTML 8Page - Texas Instruments TB5R1DR Datasheet HTML 9Page - Texas Instruments TB5R1DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
TO OUTPUT
OF DEVICE
UNDER TEST
C
L
500 W
1.5 V
C
L includes test-fixture and probe capacitance.
Max
2
3
4
5
6
-50
0
50
100
150
Nom
Min
TA - Free-Air Temperature - 5C
VCC = 5 V
2
3
4
5
6
-50
0
50
100
150
VCC = 5 V
Nom
Min
Max
TA - Free-Air Temperature - 5C
15
20
25
30
35
40
45
-50
0
50
100
150
TA - Free-Air Temperature - 5C
ICC max at VCC = 5.5 V
ICC Typical at VCC = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
0
50
100
150
VCC = 4.5 V
VOH min
VOL min
TA - Free-Air Temperature - °C
TB5R1, TB5R2
SLLS588C – NOVEMBER 2003 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
Figure 5. Receiver Disable Time (tPHZ, tPLZ) Test Circuit
LOW-TO-HIGH PROPAGATION DELAY
HIGH-TO-LOW PROPAGATION DELAY
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 6.
Figure 7.
MINIMUM VOH AND MAXIMUM VOL
TYPICAL AND MAXIMUM ICC
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TB5R1 TB5R2


Similar Part No. - TB5R1DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DRE4 TI-TB5R1DRE4 Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB5R1DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com