Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5R2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TB5R2
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5R2 Datasheet(HTML) 1 Page - Texas Instruments

  TB5R2 Datasheet HTML 1Page - Texas Instruments TB5R2 Datasheet HTML 2Page - Texas Instruments TB5R2 Datasheet HTML 3Page - Texas Instruments TB5R2 Datasheet HTML 4Page - Texas Instruments TB5R2 Datasheet HTML 5Page - Texas Instruments TB5R2 Datasheet HTML 6Page - Texas Instruments TB5R2 Datasheet HTML 7Page - Texas Instruments TB5R2 Datasheet HTML 8Page - Texas Instruments TB5R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
PIN ASSIGNMENTS
AI
AO
BO
CO
DO
AI
AI
BI
BI
C1
C1
D1
D1
D1
E2
E1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AI
AI
AO
E1
BO
BI
BI
GND
VCC
DI
DI
DO
E2
CO
CI
CI
D PACKAGE
(TOP VIEW)
Enable Truth Table
TB5R1, TB5R2
SLLS588C – NOVEMBER 2003 – REVISED JANUARY 2008
www.ti.com
QUAD DIFFERENTIAL PECL RECEIVERS
• Functional Replacements for the Agere
BRF1A, BRF2A, BRS2A, and BRS2B
These quad differential receivers accept digital data
over balanced transmission lines. They translate
• Pin Equivalent to General Trade 26LS32
differential input logic levels to TTL output logic
• High Input Impedance Approximately 8 kΩ
levels.
• 4-ns Maximum Propagation Delay
The
TB5R1
is
a
pin-
and
function-compatible
• TB5R1 Provides 50-mV Hysteresis
replacement for the Agere systems BRF1A and
• TB5R2 With -125-mV Threshold Offset for
BRF2A; it includes 3-kV HBM and 2-kV CDM ESD
Preferred State Output
protection.
• -1.1-V to 7.1-V Common Mode Range
The
TB5R2
is
a
pin-
and
function-compatible
• Single 5-V 10% Supply
replacement for the Agere systems BRS2A and
BRS2B and incorporates a 125-mV receiver input
• Slew Rate Limited (1 ns min 80% to 20%)
offset, preferred state output, 3-kV HBM and 2-kV
• TB5R2 Output Defaults to Logic 1 When Inputs
CDM ESD protection. The TB5R2 preferred state
Left Open or Shorted to VCC or GND
feature places the high state when the inputs are
• ESD Protection HBM > 3 kV, CDM > 2 kV
open, shorted to ground, or shorted to the power
supply.
• Operating Temperature Range: -40C to 85C
The
power-down
loading
characteristics
of
the
• Available in Gull-Wing SOIC (JEDEC MS-013,
receiver input circuit are approximately 8 k
Ω relative
DW) and SOIC (D) Package
to the power supplies; hence they do not load the
transmission line when the circuit is powered down.
• Digital Data or Clock Transmission Over
The packaging for these differential line receivers
Balanced Lines
include a 16-pin gull wing SOIC (DW) and SOIC (D).
The enable inputs of this device include internal
pullup resistors of approximately 40 k
Ω that are
connected to VCC to ensure a logical high level input
if the inputs are open circuited.
FUNCTIONAL BLOCK DIAGRAM
E1
E2
CONDITION
0
0
Active
1
0
Active
0
1
Disabled
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TB5R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R2 TI-TB5R2 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R2 TI-TB5R2 Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R2 TI1-TB5R2 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R2D TI-TB5R2D Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R2D TI-TB5R2D Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB5R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com