Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5R2DRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TB5R2DRE4
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5R2DRE4 Datasheet(HTML) 4 Page - Texas Instruments

  TB5R2DRE4 Datasheet HTML 1Page - Texas Instruments TB5R2DRE4 Datasheet HTML 2Page - Texas Instruments TB5R2DRE4 Datasheet HTML 3Page - Texas Instruments TB5R2DRE4 Datasheet HTML 4Page - Texas Instruments TB5R2DRE4 Datasheet HTML 5Page - Texas Instruments TB5R2DRE4 Datasheet HTML 6Page - Texas Instruments TB5R2DRE4 Datasheet HTML 7Page - Texas Instruments TB5R2DRE4 Datasheet HTML 8Page - Texas Instruments TB5R2DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
0
50
100
150
200
CL - Load Capacitance - pF
tPLH
tPHL
TB5R1, TB5R2
SLLS588C – NOVEMBER 2003 – REVISED JANUARY 2008
over operating free-air temperature range unless otherwise noted
parameter
test conditions
min
typ
max
unit
tPLH
Propagation delay time, low-to-high-level output
2.5
4
CL = 0 pF
(1), See Figure 2 and Figure 4
ns
tPHL
Propagation delay time, high-to-low-level output
2.5
4
tPLH
Propagation delay time, low-to-high-level output
3
5
CL = 15 pF, See Figure 2 and Figure 4
ns
tPHL
Propagation delay time, high-to-low-level output
3
5
Output disable time, high-level-to-high-impedance
tPHZ
4.1
12
ns
output(2)
CL = 5 pF, See Figure 3 and Figure 5
tPLZ
Output disable time, low-level-to-high-impedance output(2)
2.8
12
ns
CL = 10 pF, See Figure 2 and Figure 4
0.7
ns
tskew1
Pulse width distortion, |tPHL - tPLH|
CL = 150 pF, See Figure 2 and Figure 4
4
ns
CL = 10 pF, TA = 75C, See Figure 2 and
0.8
1.4
ns
Figure 4
Δtskew1p
Part-to-part output waveform skew(3)
-p
CL = 10 pF, TA = -40C to 85C, See Figure
1.5
ns
2 and Figure 4
Δtskew
Same part output waveform skew(3)
CL = 10 pF, See Figure 2 and Figure 4
0.3
ns
Output enable time, high-impedance-to-high-level
tPZH
5
12
ns
output(2)
CL = 10 pF, See Figure 3 and Figure 4
tPZL
Output enable time, high-impedance-to-low-level output(2)
4
12
ns
tTLH
Rise time (20%-80%)
1
3.5
ns
CL = 10 pF, See Figure 2 and Figure 4
tTHL
Fall time (80%-20%)
1
3.5
ns
(1)
The propagation delay values with a 0 pF load are based on design and simulation.
(2)
See Table 1.
(3)
Output waveform skews are when devices operate with the same supply voltage at the same temperature and have the same packages
and the same test circuits.
TYPICAL PROPAGATION DELAY
vs
LOAD CAPACITANCE
A.
NOTE: This graph is included as an aid to the system designers. Total circuit delay varies with load capacitance. The total delay is
the sum of the delay due to external capacitance and the intrinsic delay of the device. Intrinsic delay is listed in the table above as
the 0 pF load condition. The incremental increase in delay between the 0 pF load condition and the actual total load capacitance
represents the extrinsic, or external delay contributed by the load.
Figure 1. Typical Propagation Delay
4
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TB5R1 TB5R2


Similar Part No. - TB5R2DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R2DRE4 TI-TB5R2DRE4 Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB5R2DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com