Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9220-04-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 9220-04-RC
Description  Molded Axial Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

9220-04-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  9220-04-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS:
MM
(INCHES)
11.18 ± 0.25
(0.44 ± 0.01)
25.4
(1.0)
MIN.
0.65
(0.025)
4.83 ± 0.25
(0.19 ± 0.01)
Typical Part Marking - MIL-STD Color Code
Color
1st & 2nd
Significant Figure
or Decimal Point
Multiplier
Tolerance
Black
0
1
Brown
1
10
Red
2
100
Orange
3
1000
Yellow
4
Green
5
Blue
6
Violet
7
Gray
8
White
9
%
0
1
±
r
e
v
li
S
Gold
Decimal Point
± 5 %
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Blue)
Decimal point (Gold)
2nd significant figure (Gray)
Tolerance (Silver)
Example for L value less than 10 µH
6.8 µH, ±10 %
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Red)
2nd significant figure (Purple)
Multiplier (Brown)
Tolerance (Gold)
Example for L value 10 µH and higher
270 µH, ±5 %
Features
Formerly
model
High Q value
Inductance range: 270
μH to 1000 μH
RoHS compliant*
Applications
Filters
Output chokes
9220 Series Molded Axial Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Electrical Specifications
Bourns Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(
Ω)
Max.
Idc
(mA)
(
μH)
Tol. (%)
9220-00-RC
270
±5
65
0.79
5.6
8.2
110
9220-02-RC
300
±5
65
0.79
5.3
8.7
107
9220-04-RC
330
±5
65
0.79
5.0
9.1
105
9220-06-RC
360
±5
65
0.79
4.7
9.6
102
9220-08-RC
390
±5
65
0.79
4.5
10.0
100
9220-10-RC
430
±5
65
0.79
4.3
10.6
97
9220-12-RC
470
±5
65
0.79
4.0
11.1
95
9220-14-RC
500
±5
65
0.79
3.8
11.6
93
9220-15-RC
510
±5
65
0.79
3.8
11.6
92
9220-16-RC
560
±5
65
0.79
3.6
12.3
91
9220-18-RC
620
±5
60
0.79
3.5
13.0
88
9220-20-RC
680
±5
60
0.79
3.4
13.7
85
9220-22-RC
750
±5
60
0.79
3.3
14.4
83
9220-24-RC
820
±5
60
0.79
3.1
15.1
81
9220-26-RC
910
±5
60
0.79
2.9
15.8
79
9220-28-RC
1000
±5
60
0.79
2.8
16.5
78
General Specifications
Temperature Rise ................ 35 °C at Idc
Operating Temperature
..................................-55 °C to +105 °C
Storage Temperature ...-55 °C to +105 °C
Dielectric Strength ................. 1000 Vrms
Materials
Core.............................................. Ferrite
Wire ............................ Enameled copper
Terminal Coating................................. Sn
Packaging
Standard..................1000 pcs. per bag
Optional......2500 pcs. per 14-inch reel
Product Dimensions
Electrical Schematic
How to Order
9220 - 02 - __ - RC
Model
Value Code
Two-digit code from table
(Example: -02 = 300
μH)
Packaging Code
Blank = 1000 pcs./bag
TR = 2500 pcs./14-inch reel
Compliance Code
RC = RoHS compliant*
Examples:
• 9220-00-RC = 270
μH packaged
1000 pcs./bag.
• 9220-16-TR-RC = 560
μH packaged
2500 pcs./14-inch reel.
REV. 06/09


Similar Part No. - 9220-04-RC

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
92201R-240 ENOCEAN-92201R-240 Datasheet
665Kb / 2P
   Edge Server
2022
92201R-248 ENOCEAN-92201R-248 Datasheet
665Kb / 2P
   Edge Server
2022
logo
Integrated Device Techn...
9220BGILF IDT-9220BGILF Datasheet
192Kb / 16P
   Programmable RambusTM XDRTM Clock Generator
9220BGILFT IDT-9220BGILFT Datasheet
192Kb / 16P
   Programmable RambusTM XDRTM Clock Generator
More results

Similar Description - 9220-04-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Caliber Electronics Inc...
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9250A BOURNS-9250A Datasheet
248Kb / 2P
   Molded Axial Inductor
9310-00-RC BOURNS-9310-00-RC Datasheet
226Kb / 2P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com